Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 2Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 3Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 4Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 5Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 6Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 7Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 8Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 9Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 6
PERFORMANCE SPECIFICATIONS
DEUTSCH CONNECTORS
Temperature:
Operating at temperatures -55°C to +125°C
Durability:
No electrical or mechanical defects after 100 cycles of engagement and disengagement.
Insulation Resistance:
1000 megohms minimum at 25°C.
Immersion:
IP68 rating
Vibration:
No unlocking or unmating and exhibits no mechanical or physical damage after sinusoidal vibration levels of 20 G’s at 10 to 2000 Hz in
each of the three mutually perpendicular planes. No electrical discontinuities longer than 1 microsecond.
Dielectric Withstanding
Voltage:
Current leakage less than 2 milliamps at 1500 volts AC.
Fluid Resistance:
Connectors show no damage when exposed to most fluids used in industrial applications.
Moisture Resistance:
Properly wired and mated connections will withstand immersion under three feet of water without loss of electronic qualities or leakage.
Thermal Cycle:
No cracking, chipping or leaking after 20 test cycles from -55°C to +125°C.
DEUTSCH CONTACTS
Durability:
No electrical or mechanical defects after 100 cycles of engagement and disengagement.
Current Rating:
(Contact current rating
at 125° C continuous)
Contact Size
Max. Current
Size 20
7.5 amps
Size 16
13 amps
Size 12
25 amps
Size 8
60 amps
Size 4
100 amps
Contact Retention:
(Contacts withstand a
minimum load of)
20 lbs (89 N) for size 20
25 lbs (111 N) for size 16
30 lbs (133 N) for size 12
35 lbs (156 N) for size 8
35 lbs (156 N) for size 4
Crimp Tensile Strength:
Contact Size
Tensile Strength (Solid)
Tensile Strength (S&F)
Size 20
20 lbs
20 lbs
Size 16
25 lbs
25 lbs
Size 12
70 lbs
70 lbs
Size 8
90 lbs
N/A
Size 4
300 lbs
N/A
Contact Millivolt Drop:
Contact Size
Test Current Amps
Millivolt Drop* (Solid)
Millivolt Drop* (S&F)
Size 20
7.5
60
100
Size 16
13
60
100
Size 12
25
60
100
Size 8
60
60
-
Size 4
100
60
-
*less drop through wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com