Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 96 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 96 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 92Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 93Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 94Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 95Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 96Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 97Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 98Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 99Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 100Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 96
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
DRB Series
48 sz. 20, 12 sz. 16
Recept., DRB, 60 way, A key, black, E seal, bulkhead, wire router
DRB12-60PAE-L018
WB-60PA
48 sz. 20, 12 sz. 16
Recept., DRB, 60 way, B key, black, E seal, bulkhead, wire router
DRB12-60PBE-L018
WB-60PB
48 sz. 20, 12 sz. 16
Recept., DRB, 60 way, C key, black, E seal, bulkhead, wire router
DRB12-60PCE-L018
WB-60PC
48 sz. 20, 12 sz. 16
Plug, DRB, 60 way, A key, black, E seal, bulkhead, wire router
DRB16-60SAE-L018
WB-60SA
48 sz. 20, 12 sz. 16
Plug, DRB, 60 way, B key, black, E seal, bulkhead, wire router
DRB16-60SBE-L018
WB-60SB
48 sz. 20, 12 sz. 16
Plug, DRB, 60 way, C key, black, E seal, bulkhead, wire router
DRB16-60SCE-L018
WB-60SC
DRC Series
20
Recept., DRC, 60 way, 05 key, black, PCB mount, sealed outside flange
DRC20-60P05
N/A
20
Recept., DRC, 60 way, 06 key, black, PCB mount, sealed outside flange
DRC20-60P06
N/A
20
Recept., DRC, 60 way, 07 key, black, PCB mount, sealed outside flange
DRC20-60P07
N/A
20
Plug, DRC, 60 way, 01 key, black
DRC26-60S01
N/A
20
Plug, DRC, 60 way, 04 key, black
DRC26-60S04
N/A
20
Plug, DRC, 60 way, 05 key, black
DRC26-60S05
N/A
20
Plug, DRC, 60 way, 06 key, black
DRC26-60S06
N/A
20
Plug, DRC, 60 way, 07 key, black
DRC26-60S07
N/A
Superseal 1.0
1.0 mm
Header, Superseal 1.0, 60 way, 1 key (4 row), black, 90° molded gold pins, PCB mount, upper
locking
6437288-3
N/A
1.0 mm
Header, Superseal 1.0, 60 way, 2 & 3 key (4 row), black, 90° molded gold pins, PCB mount,
upper locking
6473427-1
N/A
1.0 mm
Header, Superseal 1.0, 60 way, 1 key (4 row), black, 90° molded gold pins, PCB mount, lower
locking
6437288-5
N/A
1.0 mm
Header, Superseal 1.0, 60 way, 1 key (4 row), black, 90° molded gold pins, PCB mount, double
locking
3-6437285-2
N/A
62 CAVITY CONNECTORS
LEAVYSEAL
56 sz. 1.5K, 6 sz. 2.8
Tab housing, LEAVYSEAL, 62 way, group 5, A key, black
1-1718324-1
Included
56 sz. 1.5K, 6 sz. 2.8
Tab housing, LEAVYSEAL, 62 way, group 5, A key, black, 180° molded pins, PCB mount
1-1418362-1
N/A
56 sz. 1.5K, 6 sz. 2.8
Tab housing, LEAVYSEAL, 62 way, group 5, A key, black, 90° molded pins, PCB mount
1-1418362-3
N/A
56 sz. 1.5K, 6 sz. 2.8
Tab housing, LEAVYSEAL, 62 way, group 5, B key, gray
2-1718324-1
Included
56 sz. 1.5K, 6 sz. 2.8
Tab housing, LEAVYSEAL, 62 way, group 5, B key, gray, 180° molded pins, PCB mount
2-1418362-1
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com