Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 6Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 7Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 8Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 9Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 10Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 11Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 12Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 13Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 10
IP RATING
1ST
DIGIT
AGAINST FOREIGN OBJECTS (INCL. DUST)
0
Not protected
1
Protected against solid objects greater
than 50 mm (ex. back of hand)
2
Protected against solid objects greater
than 12.5 mm (ex. finger)
3
Protected against solid objects greater
than 2.5 mm (ex. tool)
1ST
DIGIT
AGAINST FOREIGN OBJECTS (INCL. DUST)
4
Protected against solid objects greater
than 1.0 mm (ex. wire)
5K
Dust protected
6K
Dust tight
>50 mm
>12.5 mm
ø>2.5mm
ø>1.0mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com