Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 31 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 31 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 27Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 28Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 29Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 30Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 31Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 32Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 33Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 34Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 35Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 31
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
20
Recept., DTMH, 4 way, D key, black, high temp
DTMH04-4PD
Included
20
Plug, DTMH, 4 way, A key, black, high temp
DTMH06-4SA
Included
20
Plug, DTMH, 4 way, B key, black, high temp
DTMH06-4SB
Included
20
Plug, DTMH, 4 way, C key, black, high temp
DTMH06-4SC
Included
20
Plug, DTMH, 4 way, D key, black, high temp
DTMH06-4SD
Included
DTP Series
12
Recept., DTP, 4 way, gray
DTP04-4P
WP-4P
12
Recept., DTP, 4 way, gray, reduced dia. seals
DTP04-4P-C015
WP-4P
12
Recept., DTP, 4 way, gray, end cap
DTP04-4P-E003
WP-4P
12
Recept., DTP, 4 way, black
DTP04-4P-E004
WP-4P
12
Recept., DTP, 4 way, gray, welded flange
DTP04-4P-L012
WP-4P
12
Recept., DTP, 4 way, gray, welded flange, end cap
DTP04-4P-LE07
WP-4P
12
Plug, DTP, 4 way, gray
DTP06-4S
WP-4S
12
Plug, DTP, 4 way, gray, reduced dia. seals
DTP06-4S-C015
WP-4S
12
Plug, DTP, 4 way, black, reduced dia. seals
DTP06-4S-CE02
WP-4S
12
Plug, DTP, 4 way, gray, end cap
DTP06-4S-E003
WP-4S
12
Plug, DTP, 4 way, black
DTP06-4S-E004
WP-4S
12
Plug, DTP, 4 way, black, shrink boot adapter
DTP06-4S-EE01
WP-4S
DTP10/13/15 Series
12
Recept., DTP10, 4 way, black, 180° molded pins, PCB outside mount
DTP10-4P
N/A
12
Recept., DTP13, 4 way, black, 90° molded pins, PCB inside mount
DTP13-4P
N/A
12
Recept., DTP15, 4 way, black, 180° molded pins, PCB inside mount
DTP15-4P
N/A
HD10 Series
1 sz. 4, 3 sz. 16
Recept., HD10, 4 way, gray, flange, threaded rear
HD10-4-4P
N/A
1 sz. 4, 3 sz. 16
Plug, HD10, 4 way, gray, threaded rear
HD16-4-4S
N/A
HDSCS
2.8
Tab housing, HDSCS, 4 way, group B, 1 key, black, sealed flange
1-1703808-1
Included
2.8
Tab housing, HDSCS, 4 way, group B, 1 key, black
1-1703818-1
Included
2.8
Tab housing, HDSCS, 4 way, group B, 2 key, gray, sealed flange
2-1703808-1
Included
2.8
Tab housing, HDSCS, 4 way, group B, 2 key, gray
2-1703818-1
Included
2.8
Tab housing, HDSCS, 4 way, group B, 3 key, green, sealed flange
3-1703808-1
Included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com