Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 32 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 32 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 28Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 29Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 30Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 31Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 32Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 33Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 34Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 35Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 36Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 32
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
2.8
Tab housing, HDSCS, 4 way, group B, 3 key, green
3-1703818-1
Included
2.8
Tab housing, HDSCS, 4 way, group B, 4 key, blue, sealed flange
4-1703808-1
Included
2.8
Tab housing, HDSCS, 4 way, group B, 4 key, blue key
4-1703818-1
Included
6.3
Tab housing, HDSCS, 4 way, group E, 1 key, black
1-1564534-1
Included
6.3
Tab housing, HDSCS, 4 way, group E, 2 key, gray
2-1564534-1
Included
6.3
Tab housing, HDSCS, 4 way, group E, 3 key, green
3-1564534-1
Included
6.3
Tab housing, HDSCS, 4 way, group E, 4 key, blue
4-1564534-1
Included
2.8
Recept. housing, HDSCS, 4 way, group B, 1 key, black, black key
1-1418390-1
Included
2.8
Recept. housing, HDSCS, 4 way, group B, 2 key, black, gray key
2-1418390-1
Included
2.8
Recept. housing, HDSCS, 4 way, group B, 3 key, black, green key
3-1418390-1
Included
2.8
Recept. housing, HDSCS, 4 way, group B, 4 key, black, blue key
4-1418390-1
Included
6.3
Recept. housing, HDSCS, 4 way, group E, 1 key, black, black key
1-1564330-1
Included
6.3
Recept. housing, HDSCS, 4 way, group E, 2 key, black, gray key
2-1564330-1
Included
6.3
Recept. housing, HDSCS, 4 way, group E, 3 key, black, green key
3-1564330-1
Included
6.3
Recept. housing, HDSCS, 4 way, group E, 4 key, black, blue key
4-1564330-1
Included
5 CAVITY CONNECTORS
HD10 Series
16
Recept., HD10, 5 way, gray, flange, non-threaded rear
HD10-5-16P
N/A
16
Recept., HD10, 5 way, gray, flange, non-threaded rear, key removed from flange
HD10-5-16P-B009
N/A
16
Recept., HD10, 5 way, gray, in-line, non-threaded rear
HD14-5-16P
N/A
16
Plug, HD10, 5 way, gray, non-threaded rear
HD16-5-16S
N/A
6 CAVITY CONNECTORS
AMPSEAL 16
1.58 mm
Cap, AMPSEAL 16, 6 way, A key, black, red PLR, standard dia. seal
776434-1
Included
1.58 mm
Cap, AMPSEAL 16, 6 way, A key, black, red PLR, standard dia. seal, reverse mount
1717675-1
Included
1.58 mm
Cap, AMPSEAL 16, 6 way, A key, black, red PLR, reduced dia. seal
776537-1
Included
1.58 mm
Cap, AMPSEAL 16, 6 way, A key, black, red PLR, reduced dia. seal, reverse mount
1717975-1
Included
1.58 mm
Cap, AMPSEAL 16, 6 way, B key, black, gray PLR, standard dia. seal
776434-2
Included
1.58 mm
Cap, AMPSEAL 16, 6 way, B key, black, gray PLR, standard dia. seal, reverse mount
1717675-2
Included
1.58 mm
Cap, AMPSEAL 16, 6 way, B key, black, gray PLR, reduced dia. seal
776537-2
Included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com