Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 52 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 52 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 48Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 49Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 50Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 51Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 52Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 53Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 54Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 55Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 56Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 52
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Recept., DT, 12 way, enhanced C key, green, reduced dia. seals, end cap
DT04-12PC-CE07
W12P
16
Recept., DT, 12 way, C key, green, welded flange
DT04-12PC-L012
W12P
16
Recept., DT, 12 way, C key, green, sealed flange, gasket, end cap
DT04-12PC-LE01
W12P
16
Recept., DT, 12 way, enhanced C key, gray, reduced dia. seals, sealed flange, end cap, one piece
design
DT04-12PC-LE21
W12P
16
Recept., DT, 12 way, D key, brown
DT04-12PD
W12P
16
Recept., DT, 12 way, enhanced D key, brown
DT04-12PD-B016
W12P
16
Recept., DT, 12 way, enhanced D key, brown, end cap
DT04-12PD-BE02
W12P
16
Recept., DT, 12 way, enhanced D key, brown, welded flange
DT04-12PD-BL04
W12P
16
Recept., DT, 12 way, D key, brown, reduced dia. seals
DT04-12PD-C015
W12P
16
Recept., DT, 12 way, D key, brown, reduced dia. seals, end cap
DT04-12PD-CE01
W12P
16
Recept., DT, 12 way, enhanced D key, brown, reduced dia. seals, end cap
DT04-12PD-CE07
W12P
16
Recept., DT, 12 way, D key, brown, welded flange
DT04-12PD-L012
W12P
16
Recept., DT, 12 way, enhanced D key, gray, reduced dia. seals, sealed flange, end cap, one piece
design
DT04-12PD-LE21
W12P
16
Plug, DT, 12 way, A key, gray
DT06-12SA
W12S
16
Plug, DT, 12 way, A key, gray, reduced dia. seals
DT06-12SA-C015
W12S
16
Plug, DT, 12 way, A key, gray, solid rear grommet
DT06-12SA-C017
Included
16
Plug, DT, 12 way, A key, gray, reduced dia. seals, end cap
DT06-12SA-CE01
W12S
16
Plug, DT, 12 way, A key, black, reduced dia. seals
DT06-12SA-CE02
W12S
16
Plug, DT, 12 way, A key, gray, reduced dia. seals, shrink boot adapter
DT06-12SA-CE04
W12S
16
Plug, DT, 12 way, enhanced A key, gray, enhanced seal ret., reduced dia. seals, end cap
DT06-12SA-CE05
W12S-P012
16
Plug, DT, 12 way, enhanced A key, gray, enhanced seal ret., reduced dia. seals
DT06-12SA-CE06
W12S-P012
16
Plug, DT, 12 way, enhanced A key, black, enhanced seal ret., reduced dia. seals
DT06-12SA-CE10
W12S-P012
16
Plug, DT, 12 way, enhanced A key, black, enhanced seal ret., reduced dia. seals, end cap
DT06-12SA-CE11
W12S-P012
16
Plug, DT, 12 way, enhanced A key, black, enhanced seal ret., reduced dia. seals, shrink boot
adapter
DT06-12SA-CE12
W12S-P012
16
Plug, DT, 12 way, enhanced A key, gray, enhanced seal ret., reduced dia. seals, shrink boot
adapter
DT06-12SA-CE13
W12S-P012
16
Plug, DT, 12 way, A key, gray, end cap
DT06-12SA-E003
W12S
16
Plug, DT, 12 way, A key, black, end cap
DT06-12SA-E005
W12S
16
Plug, DT, 12 way, A key, gray, shrink boot adapter
DT06-12SA-E008
W12S
16
Plug, DT, 12 way, enhanced A key, gray, enhanced seal ret., end cap
DT06-12SA-EP06
W12S-P012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com