Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 18 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 18 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 14Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 15Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 16Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 17Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 18Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 19Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 20Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 21Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 22Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 18
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
DTCE Series
4
Recept., DTCE, 1 way, black, end cap
DTCE04-1-4P-E003
N/A
4
Recept., DTCE, 1 way, black, end cap, sealed flange, inside mount
DTCE04-1-4P-LE03
N/A
4
Plug, DTCE, 1 way, black, end cap
DTCE06-1-4S-E003
N/A
DTHD Series
4
Recept., DTHD, 1 way, black
DTHD04-1-4P
N/A
4
Recept., DTHD, 1 way, black, end cap
DTHD04-1-4P-E003
N/A
4
Recept., DTHD, 1 way, black, sealed flange, inside mount
DTHD04-1-4P-L009
N/A
4
Recept., DTHD, 1 way, black, sealed flange, outside mount
DTHD04-1-4P-L013
N/A
8
Recept., DTHD, 1 way, black
DTHD04-1-8P
N/A
8
Recept., DTHD, 1 way, black, end cap
DTHD04-1-8P-E003
N/A
12
Recept., DTHD, 1 way, black
DTHD04-1-12P
N/A
12
Recept., DTHD, 1 way, black, end cap
DTHD04-1-12P-E003
N/A
4
Plug, DTHD, 1 way, black
DTHD06-1-4S
N/A
4
Plug, DTHD, 1 way, black, end cap
DTHD06-1-4S-E003
N/A
8
Plug, DTHD, 1 way, black
DTHD06-1-8S
N/A
8
Plug, DTHD, 1 way, black, end cap
DTHD06-1-8S-E003
N/A
12
Plug, DTHD, 1 way, black
DTHD06-1-12S
N/A
12
Plug, DTHD, 1 way, black, end cap
DTHD06-1-12S-E003
N/A
Jiffy Splices
12
Splice, Jiffy, sz. 12
JS-12-00
N/A
16
Splice, Jiffy, sz. 16
JS-16-00
N/A
2 CAVITY CONNECTORS
AMPSEAL 16
1.58 mm
Cap, AMPSEAL 16, 2 way, A key, black, red PLR, standard dia. seal
776428-1
Included
1.58 mm
Cap, AMPSEAL 16, 2 way, A key, black, red PLR, standard dia. seal, reverse mount
1717672-1
Included
1.58 mm
Cap, AMPSEAL 16, 2 way, A key, black, red PLR, reduced dia. seal
776534-1
Included
1.58 mm
Cap, AMPSEAL 16, 2 way, A key, black, red PLR, reduced dia. seal, reverse mount
1871412-1
Included
1.58 mm
Cap, AMPSEAL 16, 2 way, B key, black, gray PLR, standard dia. seal
776428-2
Included
1.58 mm
Cap, AMPSEAL 16, 2 way, B key, black, gray PLR, standard dia. seal, reverse mount
1717672-2
Included
1.58 mm
Cap, AMPSEAL 16, 2 way, B key, black, gray PLR, reduced dia. seal
776534-2
Included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com