Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 46 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 46 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 42Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 43Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 44Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 45Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 46Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 47Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 48Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 49Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 50Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 46
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
5 sz. 16,
2 sz. 12, 2 sz. 8
Recept., HD30, 24 shell, 9 way, N seal, HDBox arrangement, cable clamp
HD34-24-91PN-059
N/A
5 sz. 16,
2 sz. 12, 2 sz. 8
Recept., HD30, 24 shell, 9 way, N seal, HDBox arrangement, adapter
HD34-24-91PN-072
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Plug, HD30, 24 shell, 9 way, N seal, reverse
HD36-24-9PN
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Plug, HD30, 24 shell, 9 way, N seal, reverse, cable clamp
HD36-24-9PN-059
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Plug, HD30, 24 shell, 9 way, N seal, reverse, adapter
HD36-24-9PN-072
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Plug, HD30, 24 shell, 9 way, N seal
HD36-24-9SN
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Plug, HD30, 24 shell, 9 way, N seal, cable clamp
HD36-24-9SN-059
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Plug, HD30, 24 shell, 9 way, N seal, adapter
HD36-24-9SN-072
N/A
HDB Series
6 sz. 12, 2 sz. 8
1 sz. 4
Plug, HDB30, 24 shell, 9 way, N seal, reverse, breakaway
HDB36-24-9PN
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Plug, HDB30, 24 shell, 9 way, N seal, reverse, breakaway, cable clamp
HDB36-24-9PN-059
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Plug, HDB30, 24 shell, 9 way, N seal, breakaway
HDB36-24-9SN
N/A
6 sz. 12, 2 sz. 8
1 sz. 4
Plug, HDB30, 24 shell, 9 way, N seal, breakaway, cable clamp
HDB36-24-9SN-059
N/A
5 sz. 16,
2 sz. 12, 2 sz. 8
Plug, HDB30, 24 shell, 9 way, E seal, breakaway, HDBox arrangement, cavities 4 & 5 connected
internally
HDB36-24-91SE
N/A
5 sz. 16,
2 sz. 12, 2 sz. 8
Plug, HDB30, 24 shell, 9 way, E seal, breakaway, HDBox arrangement, cavities 4 & 5 connected
internally, cable clamp
HDB36-24-91SE-059
N/A
5 sz. 16,
2 sz. 12, 2 sz. 8
Plug, HDB30, 24 shell, 9 way, E seal, breakaway, HDBox arrangement, cavities 4 & 5 connected
internally, adapter
HDB36-24-91SE-072
N/A
5 sz. 16,
2 sz. 12, 2 sz. 8
Plug, HDB30, 24 shell, 9 way, N seal, breakaway, HDBox arrangement, cavities 4 & 5 connected
internally
HDB36-24-91SN
N/A
5 sz. 16,
2 sz. 12, 2 sz. 8
Plug, HDB30, 24 shell, 9 way, N seal, breakaway, HDBox arrangement, cavities 4 & 5 connected
internally, cable clamp
HDB36-24-91SN-059
N/A
HDP20 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com