Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 38 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 38 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 34Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 35Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 36Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 37Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 38Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 39Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 40Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 41Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 42Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 38
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
1.3 mm
Header, AMPSEAL, 8 way, B key, natural, 90° molded gold pins, PCB mount, without seal
1-776279-2
N/A
1.3 mm
Header, AMPSEAL, 8 way, B key, natural, 90° molded gold pins, PCB mount, with seal
1-776280-2
N/A
1.3 mm
Plug, AMPSEAL, 8 way, A key, black
776286-1
Included
1.3 mm
Plug, AMPSEAL, 8 way, B key, natural
776286-2
Included
AMPSEAL 16
1.58 mm
Cap, AMPSEAL 16, 8 way, A key, black, red PLR, standard dia. seal
776495-1
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, A key, black, red PLR, standard dia. seal, reverse mount
1717676-1
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, A key, black, red PLR, reduced dia. seal
776538-1
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, A key, black, red PLR, reduced dia. seal, reverse mount
1871415-1
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, B key, black, gray PLR, standard dia. seal
776495-2
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, B key, black, gray PLR, standard dia. seal, reverse mount
1717676-2
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, B key, black, gray PLR, reduced dia. seal
776538-2
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, B key, black, gray PLR, reduced dia. seal, reverse mount
1871415-2
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, C key, black, yellow PLR, standard dia. seal
776495-3
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, C key, black, yellow PLR, standard dia. seal, reverse mount
1717676-3
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, C key, black, yellow PLR, reduced dia. seal
776538-3
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, C key, black, yellow PLR, reduced dia. seal, reverse mount
1871415-3
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, D key, black, green PLR, standard dia. seal
776495-4
Included
1.58 mm
Cap, AMPSEAL 16, 8 way, D key, black, green PLR, reduced dia. seal
776538-4
Included
1.58 mm
Plug, AMPSEAL 16, 8 way, A key, black, red PLR, standard dia. seal
776494-1
Included
1.58 mm
Plug, AMPSEAL 16, 8 way, A key, black, red PLR, reduced dia. seal
776532-1
Included
1.58 mm
Plug, AMPSEAL 16, 8 way, B key, black, gray PLR, standard dia. seal
776494-2
Included
1.58 mm
Plug, AMPSEAL 16, 8 way, B key, black, gray PLR, reduced dia. seal
776532-2
Included
1.58 mm
Plug, AMPSEAL 16, 8 way, C key, black, yellow PLR, standard dia. seal
776494-3
Included
1.58 mm
Plug, AMPSEAL 16, 8 way, C key, black, yellow PLR, reduced dia. seal
776532-3
Included
1.58 mm
Plug, AMPSEAL 16, 8 way, D key, black, green PLR, standard dia. seal
776494-4
Included
1.58 mm
Plug, AMPSEAL 16, 8 way, D key, black, green PLR, reduced dia. seal
776532-4
Included
DT Series
16
Recept., DT, 8 way, A key, gray
DT04-08PA
W8P
16
Recept., DT, 8 way, A key, gray, reduced dia. seals
DT04-08PA-C015
W8P
16
Recept., DT, 8 way, A key, gray, reduced dia. seals, end cap
DT04-08PA-CE01
W8P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com