Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 97 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 97 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 93Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 94Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 95Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 96Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 97Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 98Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 99Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 100Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 101Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 97
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
56 sz. 1.5K, 6 sz. 2.8
Tab housing, LEAVYSEAL, 62 way, group 5, B key, gray, 90° molded pins, PCB mount
2-1418362-3
N/A
56 sz. 1.5K, 6 sz. 2.8
Tab housing, LEAVYSEAL, 62 way, group 5, C key, blue
3-1718324-1
Included
56 sz. 1.5K, 6 sz. 2.8
Recept. housing, LEAVYSEAL, 62 way, group 5, A key, black
1-1418883-1
Included
56 sz. 1.5K, 6 sz. 2.8
Recept. housing, LEAVYSEAL, 62 way, group 5, A key, black, V0
1-1823498-1
Included
56 sz. 1.5K, 6 sz. 2.8
Recept. housing, LEAVYSEAL, 62 way, group 5, B key, gray
2-1418883-1
Included
56 sz. 1.5K, 6 sz. 2.8
Recept. housing, LEAVYSEAL, 62 way, group 5, B key, gray, V0
2-1823498-1
Included
56 sz. 1.5K, 6 sz. 2.8
Recept. housing, LEAVYSEAL, 62 way, group 5, C key, blue
3-1418883-1
Included
56 sz. 1.5K, 6 sz. 2.8
Recept. housing, LEAVYSEAL, 62 way, group 5, C key, blue, V0
3-1823498-1
Included
56 sz. 1.5K, 6 sz. 2.8
Recept. housing, LEAVYSEAL, 62 way, group 5, D key, green
4-1418883-1
Included
56 sz. 1.5K, 6 sz. 2.8
Recept. housing, LEAVYSEAL, 62 way, group 5, D key, green, V0
4-1823498-1
Included
64 CAVITY CONNECTORS
DRC Series
20
Recept., DRC, 64 way, A key 24 way and A key 40 way, black, 90° molded pins, PCB mount
DRC23-64PAA
N/A
STRIKE Series
8 sz. 16, 56 sz. 20
Recept., STRIKE, FL shell, 64 way, A key, black, sealed flange
SRK02-FLA-64A-001
Included
8 sz. 16, 56 sz. 20
Recept., STRIKE, FL shell, 64 way, B key, black, sealed flange
SRK02-FLB-64A-001
Included
8 sz. 16, 56 sz. 20
Recept., STRIKE, FL shell, 64 way, C key, black, sealed flange
SRK02-FLC-64A-001
Included
8 sz. 16, 56 sz. 20
Recept., STRIKE, FL shell, 64 way, D key, black, sealed flange
SRK02-FLD-64A-001
Included
8 sz. 16, 56 sz. 20
Plug, STRIKE, FL shell, 64 way, A key, black
SRK06-FLA-64A-001
Included
8 sz. 16, 56 sz. 20
Plug, STRIKE, FL shell, 64 way, B key, black
SRK06-FLB-64A-001
Included
8 sz. 16, 56 sz. 20
Plug, STRIKE, FL shell, 64 way, C key, black
SRK06-FLC-64A-001
Included
8 sz. 16, 56 sz. 20
Plug, STRIKE, FL shell, 64 way, D key, black
SRK06-FLD-64A-001
Included
70 CAVITY CONNECTORS
DRC Series
16
Recept., DRC, 70 way, A key, black, flange
DRC12-70PA
N/A
16
Recept., DRC, 70 way, A key, black, flange, E seal
DRC12-70PAE
N/A
16
Recept., DRC, 70 way, B key, black, flange
DRC12-70PB
N/A
16
Recept., DRC, 70 way, B key, black, flange, E seal
DRC12-70PBE
N/A
16
Recept., DRC, 70 way, C key, black, flange
DRC12-70PC
N/A
16
Recept., DRC, 70 way, C key, black, flange, E seal
DRC12-70PCE
N/A
16
Recept., DRC, 70 way, D key, black, flange
DRC12-70PD
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com