Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 101 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 101 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 97Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 98Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 99Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 100Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 101Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 102Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 103Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 104Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 105Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 101
SECONDARY WEDGELOCKS
CAVITY
PART DESCRIPTION
PART NUMBER
COLOR
4
Lock, DT, 4 way plug, A key
W4SA
Gray
4
Lock, DT, 4 way plug, A key, enhanced seal
W4SA-P012
Gray
4
Lock, DT, 4 way plug, B key
W4SB
Black
4
Lock, DT, 4 way plug, B key, enhanced seal
W4SB-P012
Black
4
Lock, DT, 4 way plug, C key
W4SC
Green
4
Lock, DT, 4 way plug, C key, enhanced seal
W4SC-P012
Green
4
Lock, DT, 4 way plug, D key
W4SD
Brown
4
Lock, DT, 4 way plug, D key, enhanced seal
W4SD-P012
Brown
6
Lock, DT, 6 way recept.
W6P
Green
6
Lock, DT, 6 way plug
W6S
Orange
6
Lock, DT, 6 way plug, enhanced seal
W6S-P012
Green
6
Lock, DT, 6 way plug, 2 key, enhanced seal
W6S2-P012
Blue
8
Lock, DT, 8 way recept.
W8P
Green
8
Lock, DT, 8 way plug
W8S
Orange
8
Lock, DT, 8 way plug, enhanced seal
W8S-P012
Green
12
Lock, DT, 12 way recept.
W12P
Green
12
Lock, DT, 12 way plug
W12S
Orange
12
Lock, DT, 12 way plug, enhanced seal
W12S-P012
Green
DTM SERIES WEDGELOCKS
2
Lock, DTM, 2 way recept.
WM-2P
Orange
2
Lock, DTM, 2 way recept., A key
WM-2PA
Gray
2
Lock, DTM, 2 way recept., B key
WM-2PB
Black
2
Lock, DTM, 2 way plug
WM-2S
Orange
2
Lock, DTM, 2 way plug, A key
WM-2SA
Gray
2
Lock, DTM, 2 way plug, B key
WM-2SB
Black
3
Lock, DTM, 3 way recept.
WM-3P
Orange
3
Lock, DTM, 3 way plug
WM-3S
Orange
4
Lock, DTM, 4 way recept.
WM-4P
Orange
4
Lock, DTM, 4 way plug
WM-4S
Orange
6
Lock, DTM, 6 way recept.
WM-6P
Orange
6
Lock, DTM, 6 way plug
WM-6S
Orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com