Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 98 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 98 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 94Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 95Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 96Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 97Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 98Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 99Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 100Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 101Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 102Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 98
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Recept., DRC, 70 way, D key, black, flange, E seal
DRC12-70PDE
N/A
16
Recept., DRC, 70 way, A key, black, in-line
DRC14-70PA
N/A
16
Recept., DRC, 70 way, A key, black, in-line, E seal
DRC14-70PAE
N/A
16
Plug, DRC, 70 way, A key, black
DRC16-70SA
N/A
16
Plug, DRC, 70 way, A key, black, bonded front seal
DRC16-70SA-P013
N/A
16
Plug, DRC, 70 way, A key, black, E seal
DRC16-70SAE
N/A
16
Plug, DRC, 70 way, A key, black, E seal, bonded front seal
DRC16-70SAE-P013
N/A
16
Plug, DRC, 70 way, B key, black
DRC16-70SB
N/A
16
Plug, DRC, 70 way, B key, black, bonded front seal
DRC16-70SB-P013
N/A
16
Plug, DRC, 70 way, B key, black, E seal, bonded front seal
DRC16-70SBE-P013
N/A
16
Plug, DRC, 70 way, C key, black
DRC16-70SC
N/A
16
Plug, DRC, 70 way, C key, black, bonded front seal
DRC16-70SC-P013
N/A
16
Plug, DRC, 70 way, C key, black, E seal, bonded front seal
DRC16-70SCE-P013
N/A
16
Plug, DRC, 70 way, D key, black
DRC16-70SD
N/A
16
Plug, DRC, 70 way, D key, black, bonded front seal
DRC16-70SD-P013
N/A
16
Plug, DRC, 70 way, D key, black, E seal, bonded front seal
DRC16-70SDE-P013
N/A
DRC13 Series
16
Recept., DRC13, 70 way, A key, black, 90° molded pins, PCB mount, one piece design
DRC13-70PA-N012
N/A
16
Recept., DRC13, 70 way, B key, black, 90° molded pins, PCB mount, one piece design
DRC13-70PB-N012
N/A
92 CAVITY CONNECTORS
LEAVYSEAL
1.5K
Tab housing, LEAVYSEAL, 92 way, group 6, A key, black, 180° molded pins, PCB mount
1-1452228-9
N/A
1.5K
Recept. housing, LEAVYSEAL, 92 way, group 6, A key, black, NW 26 tubing
1-703998-1
Included
1.5K
Recept. housing, LEAVYSEAL, 92 way, group 6, A key, black, NW 29 tubing
3-1703998-1
Included
1.5K
Recept. housing, LEAVYSEAL, 92 way, group 6, B key, black, NW 29 tubing
4-1703998-1
Included
1.5K
Recept. housing, LEAVYSEAL, 92 way, group 6, C key, black, NW 29 tubing
5-1703998-1
Included
102 CAVITY CONNECTORS
DRB Series
80 sz. 16,
16 sz. 12,
4 sz. 8, 2 sz. 4
Recept., DRB, 102 way, A key, black, E seal, bulkhead, wire router
DRB12-102PAE-L018
WB-51PAL
WB-51PAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com