Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-24-21SN-059 Datasheet(PDF) 107 Page - TE Connectivity Ltd

Part # HDB36-24-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21SN-059 Datasheet(HTML) 107 Page - TE Connectivity Ltd

Back Button HDB36-24-21SN-059 Datasheet HTML 103Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 104Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 105Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 106Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 107Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 108Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 109Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 110Page - TE Connectivity Ltd HDB36-24-21SN-059 Datasheet HTML 111Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 107
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Backshell, Circular DIN, 4 way, 90°, 5.2-6.5 mm jacketed cable
1418918-1
Backshell, Circular DIN, 4 way, 90°, 6.0-9.5 mm jacketed cable
1418919-1
DRC Series
Backshell, DRC, 38 way, plug, 90° horizontal bend
0528-003-3805
Backshell, DRC, 38 way, plug, 90° vertical bend
0528-004-3805
Backshell, DRC, 38 way, plug, 90° vertical bend, low profile
0528-005-3805
Backshell, DRC, 50 way, plug, 90° vertical bend
0528-001-5005
Backshell, DRC, 60 way, plug, 90° vertical bend
0528-002-6005
Backshell, DRC, 60 way, plug, 90° horizontal bend
0528-007-6005
Backshell, DRC, 70 way, plug, 180°, requires (2) halves and wire router 0515-029-7005
0528-006-7005
Backshell, DRC, 70 way, plug, 90°
0528-012-7005
DT Series
Backshell, DT, 2 way, 180°, fits DT06-2S
1011-227-0205
Backshell, DT, 2 way, 90°, fits DT06-2S
1011-228-0205
Backshell, DT, 2 way, 180°, fits DT04-2P
1011-229-0205
Backshell, DT, 2 way, 90°, fits DT04-2P
1011-230-0205
Backshell, DT, 2 way, 90°, for DIN adapter
1011-331-0205
Backshell, DT, 3 way, 180°, fits DT06-3S
1011-231-0305
Backshell, DT, 3 way, 90°, fits DT06-3S
1011-232-0305
Backshell, DT, 3 way, 180°, fits DT04-3P
1011-233-0305
Backshell, DT, 3 way, 90°, fits DT04-3P
1011-234-0305
Backshell, DT, 4 way, 180°, fits DT06-4S
1011-235-0405
Backshell, DT, 4 way, 90°, fits DT06-4S
1011-236-0405
Backshell, DT, 4 way, 180°, fits DT04-4P
1011-237-0405
Backshell, DT, 4 way, 90°, fits DT04-4P
1011-238-0405
Backshell, DT, 6 way, 180°, fits DT06-6S
1011-239-0605
Backshell, DT, 6 way, 90°, fits DT06-6S
1011-240-0605
Backshell, DT, 6 way, 180°, fits DT04-6P
1011-241-0605
Backshell, DT, 6 way, 90°, fits DT04-6P
1011-242-0605
Backshell, DT, 8 way, 180°, fits DT06-08S*, A, B, C, and D keys
1011-243-0805
Backshell, DT, 8 way, 90°, fits DT06-08S*, A, B, C, and D keys
1011-244-0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com