Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Data Sheet
ADMV8809
APPLICATIONS INFORMATION
analog.com
Rev. A | 24 of 55
PRINTED CIRCUIT BOARD (PCB) DESIGN
GUIDELINES
The PCB used to implement the ADMV8809 can use standard
quality dielectric materials between the top metallization layer and
internal ground layer, such as the Isola 370HR. Rogers 4003
or Rogers 4350 do not have to be used. The characteristic
impedance of the transmission lines to the RF1 and RF2 pins
of the ADMV8809 must be controlled to 50Ω to ensure optimal
RF performance. Connect the GND pins and exposed pads of the
ADMV8809 directly to the ground plane of the PCB. Use a sufficient
number of via holes to connect the top and bottom ground planes of
the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com