Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Data Sheet
ADMV8809
REGISTER SUMMARY
analog.com
Rev. A | 30 of 55
Table 6. ADMV8809 Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Acce
ss
0x87
LUTB_19_
FILTER
[7:0]
LUTB_19_FILTER_
POINTER
LUTB_19_HPF
LUTB_19_LPF
0x00
R/W
0x88
LUTB_20_SW
[7:0]
RESERVED
LUTB_20_SW_SELECT
0x00
R/W
0x89
LUTB_20_
FILTER
[7:0]
LUTB_20_FILTER_
POINTER
LUTB_20_HPF
LUTB_20_LPF
0x00
R/W
0x8A LUTB_21_SW
[7:0]
RESERVED
LUTB_21_SW_SELECT
0x00
R/W
0x8B LUTB_21_
FILTER
[7:0]
LUTB_21_FILTER_
POINTER
LUTB_21_HPF
LUTB_21_LPF
0x00
R/W
0x8C LUTB_22_SW
[7:0]
RESERVED
LUTB_22_SW_SELECT
0x00
R/W
0x8D LUTB_22_
FILTER
[7:0]
LUTB_22_FILTER_
POINTER
LUTB_22_HPF
LUTB_22_LPF
0x00
R/W
0x8E LUTB_23_SW
[7:0]
RESERVED
LUTB_23_SW_SELECT
0x00
R/W
0x8F LUTB_23_
FILTER
[7:0]
LUTB_23_FILTER_
POINTER
LUTB_23_HPF
LUTB_23_LPF
0x00
R/W
0x90
LUTB_24_SW
[7:0]
RESERVED
LUTB_24_SW_SELECT
0x00
R/W
0x91
LUTB_24_
FILTER
[7:0]
LUTB_24_FILTER_
POINTER
LUTB_24_HPF
LUTB_24_LPF
0x00
R/W
0x92
LUTB_25_SW
[7:0]
RESERVED
LUTB_25_SW_SELECT
0x00
R/W
0x93
LUTB_25_
FILTER
[7:0]
LUTB_25_FILTER_
POINTER
LUTB_25_HPF
LUTB_25_LPF
0x00
R/W
0x94
LUTB_26_SW
[7:0]
RESERVED
LUTB_26_SW_SELECT
0x00
R/W
0x95
LUTB_26_
FILTER
[7:0]
LUTB_26_FILTER_
POINTER
LUTB_26_HPF
LUTB_26_LPF
0x00
R/W
0x96
LUTB_27_SW
[7:0]
RESERVED
LUTB_27_SW_SELECT
0x00
R/W
0x97
LUTB_27_
FILTER
[7:0]
LUTB_27_FILTER_
POINTER
LUTB_27_HPF
LUTB_27_LPF
0x00
R/W
0x98
LUTB_28_SW
[7:0]
RESERVED
LUTB_28_SW_SELECT
0x00
R/W
0x99
LUTB_28_
FILTER
[7:0]
LUTB_28_FILTER_
POINTER
LUTB_28_HPF
LUTB_28_LPF
0x00
R/W
0x9A LUTB_29_SW
[7:0]
RESERVED
LUTB_29_SW_SELECT
0x00
R/W
0x9B LUTB_29_
FILTER
[7:0]
LUTB_29_FILTER_
POINTER
LUTB_29_HPF
LUTB_29_LPF
0x00
R/W
0x9C LUTB_30_SW
[7:0]
RESERVED
LUTB_30_SW_SELECT
0x00
R/W
0x9D LUTB_30_
FILTER
[7:0]
LUTB_30_FILTER_
POINTER
LUTB_30_HPF
LUTB_30_LPF
0x00
R/W
0x9E LUTB_31_SW
[7:0]
RESERVED
LUTB_31_SW_SELECT
0x00
R/W
0x9F LUTB_31_
FILTER
[7:0]
LUTB_31_FILTER_
POINTER
LUTB_31_HPF
LUTB_31_LPF
0x00
R/W
0xA0 BAND1_
DEFAULT
[7:0]
RESERVED
HPF1_DEFAULT
LPF1_DEFAULT
0x00
R/W
0xA1 BAND2_
DEFAULT
[7:0]
RESERVED
HPF2_DEFAULT
LPF2_DEFAULT
0x00
R/W
0xA2 BAND3_
DEFAULT
[7:0]
RESERVED
HPF3_DEFAULT
LPF3_DEFAULT
0x00
R/W
0xA3 BAND4_
DEFAULT
[7:0]
RESERVED
HPF4_DEFAULT
LPF4_DEFAULT
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com