Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 37Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 38Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 39Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
Data Sheet
ADMV8809
REGISTER DETAILS
analog.com
Rev. A | 36 of 55
Table 22. Bit Descriptions for READBACK_FILTER3 (Continued)
Bits
Bit Name
Description
Reset
Access
[2:0]
LPF3
LPF3 Readback.
0x0
R
Address: 0x19, Reset: 0x00, Name: READBACK_FILTER4
Figure 82.
Table 23. Bit Descriptions for READBACK_FILTER4
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:4]
HPF4
HPF4 Readback.
0x0
R
3
RESERVED
Reserved.
0x0
R
[2:0]
LPF4
LPF4 Readback.
0x0
R
Address: 0x1A, Reset: 0x00, Name: SPARE_WRITE_REG1
Figure 83.
Table 24. Bit Descriptions for SPARE_WRITE_REG1
Bits
Bit Name
Description
Reset
Access
[7:0]
SPARE_WRITEBITS1
Spare Write Bits 1.
0x0
R/W
Address: 0x1B, Reset: 0x00, Name: SPARE_WRITE_REG2
Figure 84.
Table 25. Bit Descriptions for SPARE_WRITE_REG2
Bits
Bit Name
Description
Reset
Access
[7:0]
SPARE_WRITEBITS2
Spare Write Bits 2.
0x0
R/W
Address: 0x1C, Reset: 0x00, Name: SPARE_WRITE_REG3
Figure 85.
Table 26. Bit Descriptions for SPARE_WRITE_REG3
Bits
Bit Name
Description
Reset
Access
[7:0]
SPARE_WRITEBITS3
Spare Write Bits 3.
0x0
R/W
Address: 0x1D, Reset: 0x00, Name: SPARE_READ_REG1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com