Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
Data Sheet
ADMV8809
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 8 of 55
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3 to 6, 8 to 10, 13,
14, 20, 26, 27, 29 to
32, 34 to 37, 39 to
41, 43, 45, 47, 48, 50
to 52
GND
Ground. Connect the GND pins to the RF and DC ground.
2
BYP1
Bypass Pin 1. BYP1 is DC-coupled and matched to 50Ω. Do not apply an external voltage to BYP1.
7
RF1
RF Pin 1. RF1 is DC-coupled and matched to 50Ω. Do not apply an external voltage to RF1.
11
VDD
The 3.3V Power Supply Pin. Place 0.1μF and 100pF decoupling capacitors close to VDD.
12
CREG
The 2.5V Power Supply Pin. Place 47μF, 0.1μF, and 100pF decoupling capacitors close to CREG.
15
RST
Chip Reset, 3.3V Logic. Active low. The RST pin is internally pulled low with a 268kΩ resistor
16
SCLK
SPI Clock, 3.3V Logic. The SCLK pin is internally pulled low with a 268kΩ resistor.
17
CS
SPI Chip Select, 3.3V Logic. Active low. The CS pin is internally pulled low with a 260kΩ resistor.
18
SDO
SPI Data Output, 3.3V Logic. The SDO pin is a tristate buffer.
19
SDI
SPI Data Input, 3.3V Logic. The SDI pin is internally pulled low with a 268kΩ resistor.
21
LUT0
Filter Address Bit 0, 3.3V logic. The LUT0 pin is internally pulled high with a 268kΩ resistor.
22
LUT1
Filter Address Bit 1, 3.3V logic. The LUT1 pin is internally pulled high with a 268kΩ resistor.
23
LUT2
Filter Address Bit 2, 3.3V logic. The LUT2 pin is internally pulled high with a 268kΩ resistor.
24
LUT3
Filter Address Bit 3, 3.3V logic. The LUT3 pin is internally pulled high with a 268kΩ resistor.
25
LUT4
Filter Address Bit 4, 3.3V logic. The LUT4 pin is internally pulled high with a 268kΩ resistor.
28
VSS
The –2.5V Power Supply Pin. Place 0.1μF and 100pF decoupling capacitors close to VSS.
33
RF2
RF Pin 2. RF2 is DC-coupled and matched to 50Ω. Do not apply an external voltage to RF2.
38
BYP2
Bypass Pin 2. BYP2 is DC-coupled and matched to 50Ω. Do not apply an external voltage to BYP2.
42
ADD0
Chip Address Bit 0, 3.3V logic. The ADD0 pin is internally pulled high with a 268kΩ resistor.
44
ADD1
Chip Address Bit 1, 3.3V logic. The ADD1 pin is internally pulled high with a 268kΩ resistor.
46
ADD2
Chip Address Bit 2, 3.3V logic. The ADD2 pin is internally pulled high with a 268kΩ resistor.
49
ADD3
Chip Address Bit 3, 3.3V logic. The ADD3 pin is internally pulled high with a 268kΩ resistor.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and DC ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com