Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Data Sheet
ADMV8809
REGISTER DETAILS
analog.com
Rev. A | 33 of 55
Address: 0x0C, Reset: 0x00, Name: VARIANT
Figure 72.
Table 13. Bit Descriptions for VARIANT
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
VARIANT
Variant.
0x0
R
Address: 0x10, Reset: 0x00, Name: SPI_LEVEL_CTL
Figure 73.
Table 14. Bit Descriptions for SPI_LEVEL_CTL
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
SPI_LEVEL_CTL
Controls the SPI output level.
0x0
R/W
0: 1.8V.
1: 3.3V.
Address: 0x11, Reset: 0x0C, Name: LUT_CTL1
Figure 74.
Table 15. Bit Descriptions for LUT_CTL1
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
3
LUT_BYPASS
LUT Bypass.
0x1
R/W
0: Filters set by LUT.
1: Filters set by Register WR_SW and Register WR_FILTER.
2
LUT_LATCH
LUT Latch. Indicates if control output is latched (1) or combinational (0).
0x1
R/W
0: Control output is combinational.
1: Control output is latched.
1
LUT_MODE
LUT Mode.
0x0
R/W
0: LUT set by Register LUT_INDEX_POINTER.
1: LUT set by the parallel pins.
0
LUT_ACTIVE_SELECT
LUT Select.
0x0
R/W
0: LUT A.
1: LUT B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com