Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
Data Sheet
ADMV8809
SPECIFICATIONS
analog.com
Rev. A | 6 of 55
TIMING SPECIFICATIONS
Table 2. Timing Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions / Comments
t1
10
ns
RST low time to perform reset
10
ns
SCLK cycle time (write)
t2
20
ns
SCLK cycle time (read)
t3
2.5
ns
SCLK high time
t4
2.5
ns
SCLK low time
t5
5
ns
CS falling edge to SCLK rising edge setup time
t6
2
ns
SCLK rising edge to hold time
t7
5
ns
Minimum CS high time for latching in data (for multiple SPI transactions)
t8
5
ns
CS rising edge to next SCLK rising edge ignore
t9
5
ns
SDI data setup time
t10
2
ns
SDI data hold time
t11
6
ns
SCLK falling edge to SDO valid (load capacitance (CL) = 10 pF)
t12
5
ns
SDO rise and fall time (CL = 10 pF)
t13
4
ns
CS rising edge to SDO tristate (CL = 10 pF)
t14
10
ns
CS rising edge (end of SPI transaction) to lookup table (LUT) rising edge time (entering LUT control mode)
t15
10
ns
LUT setup time LUT rising edge to CS rising edge (LUT control mode)
t16
2
ns
LUT hold time CS rising edge to CS high (LUT control mode)
t17
2.5
ns
CS high time (LUT control mode)
t18
2.5
bs
CS low time (LUT control mode)
Timing Diagram
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com