Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Data Sheet
ADMV8809
THEORY OF OPERATION
analog.com
Rev. A | 22 of 55
SPI CONFIGURATION
The SPI of the ADMV8809 allows configuration of the device for
specific functions or operations via the 5-pin SPI. This interface
provides users with added flexibility and customization. The SPI
consists of four control lines: SCLK, SDI, SDO, and CS .
The SPI protocol consists of an R/W bit followed by 15 register
address bits and 8 data bits. The address field and data field are
organized MSB first and end with the LSB.
Set the MSB to 0 for a write operation and set the MSB to 1 for a
read operation. The write cycle must be sampled on the rising edge
of SCLK. The 24 bits of the serial write address and data are shifted
in on the SDI control line, MSB to LSB. The ADMV8809 input logic
level for the write cycle supports a 3.3V interface.
For a read cycle, the R/W bit and the 15 register address bits shift
in on the rising edge of SCLK on the SDI control line. Then, 8 bits
of serial read data shift out on the SDO control line, MSB first, on
the falling edge of SCLK. The output logic level for a read cycle is
3.3V. The output drivers of the SDO are enabled after the last rising
edge of SCLK of the instruction cycle and remain active until the
end of the read cycle. In a read operation, when CS is deasserted,
SDO returns to high impedance until the next read transaction. CS
is active low and must be deasserted at the end of the write or read
sequence.
An active low input on CS starts and gates a communication cycle.
The CS pin allows more than one device to be used on the same
serial communications lines. The SDO pin goes to a high impe-
dance state when the CS input is high. During the communication
cycle, CS must stay low. The SPI communications protocol follows
the Analog Devices Inc, SPI standard. For more information, see
the ADI-SPI Serial Control Interface Standard (Rev 1.0).
CHIP ADDRESS
The four chip address pins enable the independent control of
multiple chips using the same SPI bus. In the 24-bit SPI frame, Bit
20 to Bit 17 are defined by the ADD3 to ADD0 pins.
A write instruction to Register 0x00 broadcasts to all chips in a
system regardless of the chip address pins.
Do not perform a read instruction of Register 0x00 in a multichip
system.
All references to register addresses in this section have the ADD3
to ADD0 pins set to zero, unless otherwise noted.
RF CONNECTIONS
The RF1 and RF2 pins of the ADMV8809 are DC-coupled to
on-chip ESD protection diodes. If a DC voltage is present on the
RF1 and RF2 pins from other components within the system, it is
recommended to place DC blocking capacitors in series with these
pins. The DC blocking capacitors must be selected based on the
operating frequency of the filter. Generally, a value greater than
10nF is sufficient to minimize insertion loss at the lower operating
frequencies. At higher operating frequencies, it may be necessary
to consider the parasitic elements of the selected capacitor. Fig-
ure 64 shows a general model of a capacitor with the parasitic
elements. The parasitic series inductance (LESL) is typically of
most concern given that its impedance can become dominant. The
other parasitic elements, including the leakage resistance (RL),
the dielectric absorption resistance (RDA), the dielectric absorption
capacitance (CDA), and electrical series resistance (RESR) are less
critical elements for consideration but are shown in Figure 64 for
completeness.
Figure 64. Model of a Capacitor
MODE SELECTION
The ADMV8809 has two modes of operation: SPI write and LUT
control. SPI write mode is the normal operating mode, whereas
the LUT control mode uses the 5-pin LUT control port to load the
configuration from the on-chip LUT.
To select SPI write mode, set the LUT_BYPASS bit (Bit 3) of
Register 0x11 to 1.
For operation in LUT control mode, set the LUT_BYPASS bit to 0.
SPI WRITE MODE
SPI write mode uses Register 0x13 (WR_SW) and Register 0x14
(WR_FILTER).
The WR_SW register includes the SW_SELECT bits can be used
to control which filter band the switches are toggled to.
The WR_FILTER register includes the FILTER_SELECT, HPF, and
LPF bits. Use the HPF and LPF bits (Bits[5:3] and Bits[2:0], respec-
tively) to configure the high-pass filter state and low-pass filter state
for each filter band. Use the FILTER_SELECT bits (Bits[7:6]) to
select the filter band that requires adjustment. The HPF and LPF bit
values dictate the new state for the HPF and LPF of the selected
filter band.
LUT CONTROL MODE
The ADMV8809 has a LUT feature that can be used to store
multiple filter conditions on LUT registers. See the Register Details
section for further information on the LUT registers.
There are two registers that control the functionality of the LUT
control mode for the ADMV8809. Register 0x11 (LUT_CTL1)
includes the LUT_BYPASS, LUT_LATCH, LUT_MODE, and
LUT_ACTIVE_SELECT bits (Bit 3, Bit 2, Bit 1, and Bit 0, respec-
tively). Use these bits to bypass the LUT, configure the output
(latched or combinational) and mode (using LUT_INDEX_POINTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com