Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Data Sheet
ADMV8809
REGISTER SUMMARY
analog.com
Rev. A | 28 of 55
Table 6. ADMV8809 Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Acce
ss
0x47
LUTA_19_
FILTER
[7:0]
LUTA_19_FILTER_
POINTER
LUTA_19_HPF
LUTA_19_LPF
0x00
R/W
0x48
LUTA_20_SW
[7:0]
RESERVED
LUTA_20_SW_SELECT
0x00
R/W
0x49
LUTA_20_
FILTER
[7:0]
LUTA_20_FILTER_
POINTER
LUTA_20_HPF
LUTA_20_LPF
0x00
R/W
0x4A LUTA_21_SW
[7:0]
RESERVED
LUTA_21_SW_SELECT
0x00
R/W
0x4B LUTA_21_
FILTER
[7:0]
LUTA_21_FILTER_
POINTER
LUTA_21_HPF
LUTA_21_LPF
0x00
R/W
0x4C LUTA_22_SW
[7:0]
RESERVED
LUTA_22_SW_SELECT
0x00
R/W
0x4D LUTA_22_
FILTER
[7:0]
LUTA_22_FILTER_
POINTER
LUTA_22_HPF
LUTA_22_LPF
0x00
R/W
0x4E LUTA_23_SW
[7:0]
RESERVED
LUTA_23_SW_SELECT
0x00
R/W
0x4F LUTA_23_
FILTER
[7:0]
LUTA_23_FILTER_
POINTER
LUTA_23_HPF
LUTA_23_LPF
0x00
R/W
0x50
LUTA_24_SW
[7:0]
RESERVED
LUTA_24_SW_SELECT
0x00
R/W
0x51
LUTA_24_
FILTER
[7:0]
LUTA_24_FILTER_
POINTER
LUTA_24_HPF
LUTA_24_LPF
0x00
R/W
0x52
LUTA_25_SW
[7:0]
RESERVED
LUTA_25_SW_SELECT
0x00
R/W
0x53
LUTA_25_
FILTER
[7:0]
LUTA_25_FILTER_
POINTER
LUTA_25_HPF
LUTA_25_LPF
0x00
R/W
0x54
LUTA_26_SW
[7:0]
RESERVED
LUTA_26_SW_SELECT
0x00
R/W
0x55
LUTA_26_
FILTER
[7:0]
LUTA_26_FILTER_
POINTER
LUTA_26_HPF
LUTA_26_LPF
0x00
R/W
0x56
LUTA_27_SW
[7:0]
RESERVED
LUTA_27_SW_SELECT
0x00
R/W
0x57
LUTA_27_
FILTER
[7:0]
LUTA_27_FILTER_
POINTER
LUTA_27_HPF
LUTA_27_LPF
0x00
R/W
0x58
LUTA_28_SW
[7:0]
RESERVED
LUTA_28_SW_SELECT
0x00
R/W
0x59
LUTA_28_
FILTER
[7:0]
LUTA_28_FILTER_
POINTER
LUTA_28_HPF
LUTA_28_LPF
0x00
R/W
0x5A LUTA_29_SW
[7:0]
RESERVED
LUTA_29_SW_SELECT
0x00
R/W
0x5B LUTA_29_
FILTER
[7:0]
LUTA_29_FILTER_
POINTER
LUTA_29_HPF
LUTA_29_LPF
0x00
R/W
0x5C LUTA_30_SW
[7:0]
RESERVED
LUTA_30_SW_SELECT
0x00
R/W
0x5D LUTA_30_
FILTER
[7:0]
LUTA_30_FILTER_
POINTER
LUTA_30_HPF
LUTA_30_LPF
0x00
R/W
0x5E LUTA_31_SW
[7:0]
RESERVED
LUTA_31_SW_SELECT
0x00
R/W
0x5F LUTA_31_
FILTER
[7:0]
LUTA_31_FILTER_
POINTER
LUTA_31_HPF
LUTA_31_LPF
0x00
R/W
0x60
LUTB_0_SW
[7:0]
RESERVED
LUTB_0_SW_SELECT
0x00
R/W
0x61
LUTB_0_FILTER [7:0]
LUTB_0_FILTER_
POINTER
LUTB_0_HPF
LUTB_0_LPF
0x00
R/W
0x62
LUTB_1_SW
[7:0]
RESERVED
LUTB_1_SW_SELECT
0x00
R/W
0x63
LUTB_1_FILTER [7:0]
LUTB_1_FILTER_
POINTER
LUTB_1_HPF
LUTB_1_LPF
0x00
R/W
0x64
LUTB_2_SW
[7:0]
RESERVED
LUTB_2_SW_SELECT
0x00
R/W
0x65
LUTB_2_FILTER [7:0]
LUTB_2_FILTER_
POINTER
LUTB_2_HPF
LUTB_2_LPF
0x00
R/W
0x66
LUTB_3_SW
[7:0]
RESERVED
LUTB_3_SW_SELECT
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com