Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
Data Sheet
ADMV8809
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 7 of 55
Table 3. Absolute Maximum Ratings
Parameter
Rating
SUPPLY
VDD
–0.3V to +3.6V
VSS
–2.75V to +0.3V
Digital Control Inputs
Voltage
–0.3V to VDD + 0.3V
Current
2mA
Continuous RF Input Power
P0.1dB
Temperature
Operating Range
–40°C to +85°C
Storage Range
–55°C to +150°C
Junction to Maintain 1 Million Hours Mean Time
to Failure (MTTF)
135°C
Nominal Junction (Paddle Temperature
(TPADDLE) = 85°C)
90°C
Moisture Sensitivity Level (MSL) Rating
MSL3
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001-2010.
Field induced charged device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for ADMV8809
Table 4. ADMV8809, 52-Terminal LGA
ESD Model
Withstand Threshold (V)
Class
HBM
RFx Pins
750
1B
Supply and Digital Pins
1500
1C
FICDM
250
C1
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged
devices and circuit boards can discharge without detection.
Although this product features patented or proprietary protec-
tion circuitry, damage may occur on devices subjected to high
energy ESD. Therefore, proper ESD precautions should be
taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com