Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADMV8809ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Data Sheet
ADMV8809
0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
|
Tel: 781.935.5565
|
©2025 Analog Devices, Inc. All rights reserved.
FEATURES
►
Digitally tunable, high-pass and low-pass tuning
►
Suboctave bandwidths with additional user adjustability
►
Rejection: 40dB
►
Single-chip replacement for discrete filter banks
►
Compact, 8mm × 8mm × 1.07mm LGA package
APPLICATIONS
►
Land mobile radios
►
Test and measurement equipment
►
Military radars, electronic warfare, and electronic countermeas-
ures
►
Satellite communications
►
Industrial and medical equipment
GENERAL DESCRIPTION
The ADMV8809 is a fully monolithic microwave IC (MMIC) that
features digitally selectable operating frequencies. The device fea-
tures four independently controlled high-pass filters (HPFs) and
low-pass filters (LPFs) that span the 0.5GHz to 9GHz frequency
range (fCENTER).
The flexible architecture of the ADMV8809 allows the 3dB cutoff
frequency (f3dB) of the high-pass and low-pass filters to be control-
led independently. The digital logic control on each filter is 3-bits
wide (eight states) and controls the on-chip reactive elements to
adjust the f3dB. The typical insertion loss is <6.2dB. When using the
HPF = LPF state, the filter has 40dB rejection for the low side at 0.5
× fU3dB and for the high side at 2 × fL3dB, which is ideally suited for
minimizing system second-order intercept (IP2) and harmonics.
This tunable filter can be used as a smaller alternative to large
switched filter banks and discrete component-based tunable filters,
and the ADMV8809 provides a dynamically adjustable solution in
advanced communications applications.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADMV8809ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV8809ACCZ-R7 AD-ADMV8809ACCZ-R7 Datasheet
2Mb / 54P
0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
Rev. 0
More results

Similar Description - ADMV8809ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
Low Pass Filters
logo
Mini-Circuits
K1-LFCN MINI-K1-LFCN Datasheet
298Kb / 1P
LOW PASS FILTERS
K2-LFCN MINI-K2-LFCN Datasheet
319Kb / 1P
LOW PASS FILTERS
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
LOW PASS FILTERS
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
LOW PASS FILTERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
LOW PASS FILTERS
K-LHP MINI-K-LHP Datasheet
282Kb / 1P
LOW PASS & HIGH PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
LOW PASS FILTERS
K1-LFCW MINI-K1-LFCW Datasheet
433Kb / 1P
Low Pass Filters
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com