Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADMV8809ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
Data Sheet
ADMV8809
SPECIFICATIONS
analog.com
Rev. A | 4 of 55
Table 1. Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INSERTION LOSS
Bypass Configuration
<1.5
dB
Filter Band 1
6.2
dB
Filter Band 2
4.7
dB
Filter Band 3
4.5
dB
Filter Band 4
5
dB
RETURN LOSS
>10
dB
DYNAMIC PERFORMANCE
Input Compression (P0.1dB)
Bypass Configuration
27
dBm
Filter Band 1
26.10
dBm
Filter Band 2
26.83
dBm
Filter Band 3
27
dBm
Filter Band 4
24.66
dBm
Input Third-Order Intercept (IP3)
Input power (PIN) = 10dBm per tone
Bypass Configuration
52
dBm
Filter Band 1
47
dBm
Filter Band 2
51
dBm
Filter Band 3
50
dBm
Filter Band 4
46
dBm
Group Delay
<5.4
ns
Amplitude Switching Time
Typically <0.5
µs
To within ≤1dB of static insertion loss
Amplitude Settling Time
0.5
µs
To within ≤0.5dB of static insertion loss
Phase Settling Time
0.8
µs
To within ≤2° of static insertion phase
Drift Rate
Amplitude
Filter Band 1
0.01
dB/°C
HPF = LPF, State 4
Filter Band 2
0.01
dB/°C
HPF = LPF, State 4
Filter Band 3
0.01
dB/°C
HPF = LPF, State 4
Filter Band 4
0.01
dB/°C
HPF = LPF, State 4
Frequency
Filter Band 1
−68
ppm/°C
HPF = LPF, State 4
Filter Band 2
−65
ppm/°C
HPF = LPF, State 4
Filter Band 3
−99
ppm/°C
HPF = LPF, State 4
Filter Band 4
−105
ppm/°C
HPF = LPF, State 4
SUPPLY VOLTAGE
VSS
–2.6
–2.5
–2.4
V
VDD
3.2
3.3
3.4
V
SUPPLY CURRENT (STATIC)
Static
VSS Current (ISS)
2
µA
VDD Current (IDD)
700
µA
Dynamic
IDD
fSCLK/4
mA
Where fSCLK is the SCLK toggle frequency in MHz, for
example, continuous serial peripheral interface (SPI) writing
at 10MHz yields 2.5mA of dynamic IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com