Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6260 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6260
Description  4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 7Page - STMicroelectronics L6260 Datasheet HTML 8Page - STMicroelectronics L6260 Datasheet HTML 9Page - STMicroelectronics L6260 Datasheet HTML 10Page - STMicroelectronics L6260 Datasheet HTML 11Page - STMicroelectronics L6260 Datasheet HTML 12Page - STMicroelectronics L6260 Datasheet HTML 13Page - STMicroelectronics L6260 Datasheet HTML 14Page - STMicroelectronics L6260 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
System Control Register A (Reg 3)
Reg: 3
Name: System Control Register A
Type: Write only.
BIT
LABEL
DESCRIPTION
@POR
0
SPIN_ENABLE
Enable spindle functions (1 = enabled; 0 = Disabled). Together
with VCM_ENABLE, determine the Normal, Idle or Sleep mode of
operation. See Mode Table for details.
0
1
VCM_ENABLE
Enable VCM functions (1 = enabled; 0 = Disabled). Together with
SPIN_ENABLE, determine the Normal, Idle or Sleep mode of
operation. See Mode Table for details.
0
2
SRESET
Reset spindle state machine (sequencer). 0=Reset. All spindle
and FLL registers are also reset. Also used to control the charge
pump (1 = off).
0
3
INCRE
A 0 to 1 transition of this bit increments the spindle state machine.
Normally used in SEARCH mode. Must be set to 1 in RUN Mode.
0
4
RUN_SRCH
1=Auto-increment enabled (RUN Mode)
0 = Auto-increment disabled (SEARCH MODE)
0
5
8_12P
Selects 8/12 pole motor: 1 = 8 pole, 0 = 12 pole
0
6
BIP_TRIP
Define Tristate, Bipolar, or Tripolar operation:
0
7
UNI_TRIP
See Spindle Drive Mode Table.
0
8
VCMRET
Activated VCM Retract: 1 = retract.
0
9
SPEED
Programs the Spindle Speed Control Method.
SPEED= 0: The L6260 operates open loop, with speed error
sensing performed externally and speed effort written into the
SPIN_DAC.
SPEED = 1: The speed is controlled internally through the built-in
control loop.
0
10
EL_MECH
Specifies electrical or mechanical cycle for the FLL control.
1 = Electrical, 0 = Mechanical
0
11
TEST_COUNT_RESET
Writing a 0 resets the test sequence. Must be set to 1 to allow
ATEST and DTEST functions.
0
MODE OF OPERATION (REGISTER 3 BITS 0 AND 1)
SPIN_ENABLE
VCM_ENABLE
MODE
DESCRIPTION
(0) DISABLED
(0) DISABLED
SLEEP
MINIMUM POWER DISSIPATION.
(0) DISABLED
(1) ENABLED
NOT NORMAL
VCM IS FORCED TO A PARK CONDITION
(1) ENABLED
(0) DISABLED
IDLE
VCM DISABLED FOR REDUCED DISSIPATION
(1) ENABLED
(1) ENABLED
NORMAL
NORMAL MODE OF OPERATION
SPINDLE DRIVE MODE (REGISTER 3 BITS 6 AND 7)
BIP_TRIP
UNI_TRIP
SPINDLE DRIVE MODE
0
0
TRISTATE
0
1
NOT DEFINED
1
0
BIPOLAR
1
1
TRIPOLAR
L6260
11/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com