Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6260 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6260
Description  4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 21Page - STMicroelectronics L6260 Datasheet HTML 22Page - STMicroelectronics L6260 Datasheet HTML 23Page - STMicroelectronics L6260 Datasheet HTML 24Page - STMicroelectronics L6260 Datasheet HTML 25Page - STMicroelectronics L6260 Datasheet HTML 26Page - STMicroelectronics L6260 Datasheet HTML 27Page - STMicroelectronics L6260 Datasheet HTML 28Page - STMicroelectronics L6260 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
+
-
Con
gmn
Ron
+
-
gm1
+X1
Co1
Cc
Rc
Vi
Ro1
Ro
Vg
Vo
L1
R1
Rn
Cs
Rs
Vs
(Loop opened
here for analysis)
X
D96IN357
5V
Figure 12: VCM Eqivalent Circuit
gmn
(Vdac)
Ron
Con
Ro1
Co1
Rc
Cc
gm1
(Vz)
gm1
(Vdac)
+
-
L
Cs
Rn
Cgd
Vg
Ra
Vi
Vd
Cgs
gm2
(Vgs)
Ro2
Vs
Rs
Csb
Cdb
R1
Vi
Vz
D96IN358
Figure 13: VCM Model
L6260
25/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com