Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6260 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6260
Description  4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 22Page - STMicroelectronics L6260 Datasheet HTML 23Page - STMicroelectronics L6260 Datasheet HTML 24Page - STMicroelectronics L6260 Datasheet HTML 25Page - STMicroelectronics L6260 Datasheet HTML 26Page - STMicroelectronics L6260 Datasheet HTML 27Page - STMicroelectronics L6260 Datasheet HTML 28Page - STMicroelectronics L6260 Datasheet HTML 29Page - STMicroelectronics L6260 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
H1
(n) := A1 ⋅
1
+
S
(n)
2
⋅ π ⋅ fzc
⋅
1
+
S
(n)
2
⋅ π ⋅ fz1
1
+
S
(n)
2
⋅ π ⋅ fzc
⋅
1
+
S
(n)
2
⋅ π ⋅ fp1
⋅
1
+
S
(n)
2
⋅ π ⋅ fp2
(OTA)
2ND STAGE (POWER NMOS) TRANSFER FUNCTION:
Zsn(n) : = Rn +
1
Cs
⋅ S(n)
(snubber)
ZL(n) : =
Zsn
(n) ⋅ ZLo(n)
Zsn
(n)+ ZLo(n)
(load)
ZLo(n) : + LS(n) + R1 (motor)
Ci : = Cgs = Cgd
Co : = Cgd + Cdb
1
Ra
+ Ci·S(n)
1
Ro2
+
- (Cgd·S(n) - gm2)
- (Cgs·S(n) + gm2)
Co·S(n) +
1
ZL(n)
- (Cgd·S(n)
1
Ra
-
0
1
Ro2
-0
1
Ra
+ Ci·S(n)
1
Ro2
+
- (Cgd·S(n) - gm2)
- (Cgs·S(n) + gm2)
Co·S(n) +
1
ZL(n)
- (Cgd·S(n)
1
Ro2
-
- (Cgs·S(n)
1
Ro2
-
gm2 +
1
Ro2
+
(Cgs + Csb)·S(n) + gm2 +
1
Rs
H2(n) : =
D96IN361
{
H2
(n)= left|[{matrix{ccol
L6260
27/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com