Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6260 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6260
Description  4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 12Page - STMicroelectronics L6260 Datasheet HTML 13Page - STMicroelectronics L6260 Datasheet HTML 14Page - STMicroelectronics L6260 Datasheet HTML 15Page - STMicroelectronics L6260 Datasheet HTML 16Page - STMicroelectronics L6260 Datasheet HTML 17Page - STMicroelectronics L6260 Datasheet HTML 18Page - STMicroelectronics L6260 Datasheet HTML 19Page - STMicroelectronics L6260 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
BANDGAP
REFERENCE
POR
TIMER
1.25V reference
HYSTERESIS
CONTROL
+
+
-
-
Comp
Comp
UV1 pin
UV2 pin
1.25V(rising)
1.23V(falling)
POR pin
POR-DLY pin
External Cap
RESET DURATION =
CPOR_DLY X 1.25
2E -6
D94IN092
Figure 3.
POR Parameters
SYMBOL
PARAMETER
MIN.
TYP.
MAX
UNITS
CPORDLY
POR delay capacitor
220
2200
4700
pF
Tdelay
Delay time
(*)
(*)
(*)
UVrise
Rising edge reference
1.25
V (**)
UVfall
Falling edge reference
1.23
V (**)
TUVD
Under voltage detect to POR low
250
ns
(*) See previous equation
(**) See hysteresis transfer function below
1.25V (POWER GOING UP)
POWER OK
UV/2
UNDER VOLTAGE DETECTED
1.23V (POWER GOING DOWN)
D94IN093
Figure 4: Hysteresis Comparitor Transfer Characteristic for Under Voltage Detection.
L6260
16/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com