Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6260 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6260
Description  4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 15Page - STMicroelectronics L6260 Datasheet HTML 16Page - STMicroelectronics L6260 Datasheet HTML 17Page - STMicroelectronics L6260 Datasheet HTML 18Page - STMicroelectronics L6260 Datasheet HTML 19Page - STMicroelectronics L6260 Datasheet HTML 20Page - STMicroelectronics L6260 Datasheet HTML 21Page - STMicroelectronics L6260 Datasheet HTML 22Page - STMicroelectronics L6260 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
System clock (FCLK input) and its Pre Scale
System clock (FCLK input) and its Pre Scale The
chip must be clocked via the FCLK pin at one of
two possible input frequency ranges, 4-6MHz or
8-12MHz. The required range is set up via regis-
ter bit 4.3 (System Control Register B, Sys Clock
Prescale bit) where 0 selects the lower frequency
of 4-6MHz and a 1 selects the higher input range
of 8-12MHz.
VCM System
The following functions are provided: Voltage
controlled retract including sourcing and sinking
current, two quadrant retract, with ”Spindle Pow-
ered” or ”Commanded” Retract. The VCM DAC
register is accessed via the serial port and allows
the DAC value to be changed. This drives the
VCM DAC and in turn the VCM driver.
VCM Compensation and Loop Equations
This information will be included in the next ver-
sion of this datasheet.
VCM Driver
The VCM driver is capable of supplying +/- 300
mA of current although higher peak currents are
acceptable for short periods of time. Closed loop
control of the load current is provided by the
power amplifier which consists of an error ampli-
fier followed by an H bridge output section. The
loop is compensated by an external RC network
connected to the VCM_COMP pin.
The direction of the current flowing in the bridge is
determined by the sign bit. The H bridge has two
pairs of lower drivers, only one of which is se-
lected at a given time. Such a configuration
makes it possible to choose between two values
of transconductance by selecting the appropriate
pair of drivers. This gain selection is accom-
plished using the VCM DAC Register.
The VCM current sense amplifier produces a volt-
age which is proportional to the current flow in the
voice coil. When the system is operating in a lin-
ear fashion, the steady state voltage at the
VCM_I_SNS pins is approximately equal to the
voltage commanded by the DAC. However, under
MICRO
CLK
SCLK
DATA
CS1
SLOAD
SDIO
R/W
R/W
CS2
CLK
CS
DATA
R/W
L6260
OTHER
DEVICE
D94IN096
Figure 7: System Level Interface
VCM
DAC
REGISTER
(REG 1)
DAC BIT 9
DAC BIT 8
DAC BIT 7
DAC BIT 6
DAC BIT 5
DAC BIT 4
DAC BIT 3
DAC BIT 2
DAC BIT 1
DAC BIT 0
VCM
DAC
VREF 1.25V
REF/5
AUTOZERO
OFFSET
+
-
OTA
0.0 - 0.25V
DACOUT
VCM
DRIVER
LOGIC
POS
NEG
VCM
DRIVER
LOGIC
+COURSE
+FINE
-COURSE
-FINE
INDUCTOR
D94IN097A
COURSE/FINE
Figure 8.
L6260
19/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com