Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6260 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6260
Description  4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 13Page - STMicroelectronics L6260 Datasheet HTML 14Page - STMicroelectronics L6260 Datasheet HTML 15Page - STMicroelectronics L6260 Datasheet HTML 16Page - STMicroelectronics L6260 Datasheet HTML 17Page - STMicroelectronics L6260 Datasheet HTML 18Page - STMicroelectronics L6260 Datasheet HTML 19Page - STMicroelectronics L6260 Datasheet HTML 20Page - STMicroelectronics L6260 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
The duration of the brake delay is defined by an
external resistor and capacitor connected to the
brake delay pin (BRK_DLY). Charge stored in an
external capacitor connected to the Voltage Tri-
pler (VPDOWN) is used to supply the brake delay
circuit after the loss of power.
During the application of power to the IC, the
power on reset signal (POR) is asserted, forcing
all registers to their default state (see @POR col-
umn of the register definitions) and disabling the
VCM and spindle drivers. Once the supply volt-
age has exceeded the Voltage Good (VGT)
threshold, the POR delay begins. When this delay
has expired, POR is de-asserted. It is this delay
whose duration is determined by an external ca-
pacitor connected to the POR_DLY pin.
When a low voltage condition is detected (the
supply voltage falls below the VGT) the following
happens (in order):
1)
Internal registers are reset and POR is as-
serted.
2) The automatic parking of the actuator is en-
abled and the brake delay starts.
3) After the brake delay expires, all low side driv-
ers are enabled to brake the spindle.
Serial Interface
The serial interface is designed to be compatible
with the Intel 80196 (and other similar micros) se-
rial interface but is capable of faster data rates,
up to 10 MHz. All read and write operations must
consist of 16 bits, with the 80196 this would be
two 8 bit accesses. The first four bits are address
and the next 12 are data. If the address is a read
register then the L6260 will use the SCLK from
the system to shift out 12 bits of data from the ad-
dressed register. The system must provide 16
SCLK pulses to insure that the read operation
completes.
SYMBOL
DESCRIPTION
MIN.
TYP.
MAX.
UNITS
tRWS
R/W setup time to SCLK going high
100
ns
tSLS
SLOAD setup time to SCLK going high
100
ns
tRWH
R/W hold time after SCLK going high
100
ns
tSLH
SLOAD hold time after SCLK going high
100
ns
tSCKD
SCLK high to Data Valid
30
50
ns
tRWD
R/W High to Data Valid
Data bit D[0] valid from HiZ
30
50
ns
tAS
Address setup time to SCLK going high
30
ns
tDS
Data setup time to SCLK going High
30
ns
tAH
Address Hold after SCLK going high
10
ns
tDH
Data Hold time after SCLK going High
10
ns
tSDZ
SDIO tri-state after SLOAD going High
30
ns
tRWZ
SDIO tri-state after R/W going low
30
ns
tPER
Minimum SCLK period
100
ns
tREC (*)
Recycle - Time between successive accesses
100
ns
(*) For 10MHz system clock operation (in other words. 1 or more clock cycles of SCLK).
Serial Interface Truth Table
R/W
SLOAD
SDIO
DIRECTION
1
1
Tri-state (Port unselected)
Tri-state
0
1
Tri-state (Port unselected)
Tri-state
0
0
Address/Data input
Input
1
0
Data output
Output
L6260
17/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com