Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6260 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6260
Description  4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 19Page - STMicroelectronics L6260 Datasheet HTML 20Page - STMicroelectronics L6260 Datasheet HTML 21Page - STMicroelectronics L6260 Datasheet HTML 22Page - STMicroelectronics L6260 Datasheet HTML 23Page - STMicroelectronics L6260 Datasheet HTML 24Page - STMicroelectronics L6260 Datasheet HTML 25Page - STMicroelectronics L6260 Datasheet HTML 26Page - STMicroelectronics L6260 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Example
Assuming that your motor requires 200mA run
current then the sense current would be 200/500
= 400
µA. Therefore for 1 volt at the sense pin a
2500 Ohm resistor is required (R = 1/400
µA).
Also assuming you require 1 Amp start-up cur-
rent. You need to change the sense range to 5X.
This also gives 1A/2500 = 400
µA or 1V on a 2500
Ohm resistor.
In the normal ”at-speed” running the voltage at
this pin will vary between 0 and 2 volts approxi-
mately (e.g. when using the FLL). When using the
spindle DAC the voltage swing is from 0 to 1.25
Volts
Using the Spindle DAC for Start-Up
When the SPEED bit in the System Control Reg-
ister A (Register 3.9) is set (to 1), the speed con-
trol is given to the DAC (i.e. control is removed
from the FLL). The normal method of start-up is
achieved using the DAC rather than the FLL.
However the FLL can be used from zero speed
with an align-and-go algorithm but start-up will be
slower. The 8-bit DAC gives 4.88mV per step with
a maximum voltage of 1.25V.
Start-Up example
Assume that one needs 1A max. start current and
expects a running current of 200mA.
For startup, one would program the SFETGAIN
bit to 0 and the SPEED bit to 1. With this value,
1A spindle current results in 1A/3000, or 333
µAat
the SPN_I_SNS pin. Using a 3300
Ω resistor and
programming the Spindle DAC to 1V results in the
desired 1A startup current.
The startup algorithm is implemented by writing
into the Spindle Control Register A.
Once running speed is attained, the AT_SPEED
bit (System Status Register, bit 7) will go to a 1.
The CPU then sets the SFETGAIN bit to 1 and
the SPEED bit to 1. The normal running current
of 200mA again results in 200mA/600, or 333
µA
at the SPN_I_SNS pin. The FLL will regulate the
speed with a npminal value of 1V.
During ”DAC control” the FLL change pump ca-
pacitor is shorted to the Spindle DAC voltage..
This allows for a smoother transition from DAC to
FLL control.
Power Devices
When S_BIPLOAR (internal) is turned on and
saturated when the spindle driver is placed in
unipolar mode and has an Rdson of 1 Ohm (worst
case over temperature). To support retract with-
out requiring an isolation diode the transistor is
designed so as not to conduct current from
source to drain even if the supplies Vp and Vdd
are at ground and the source is at a positive volt-
age.
S_A_U, S_B_U and S_C_U are the upper spindle
drive transistors. They are active whenever the
drive is in bipolar mode and can be turned on in
pairs in tripolar mode. To support retract without
requiring an isolation diode these transistors are
designed so as to not conduct current from
source to drain even if the supplies Vdd and Vp
are at ground and the source is at a positive volt-
age.
S_A_L, S_B_L and S_C_L are the lower spindle
drive transistors. They are active in unipolar, bipo-
lar and tripolar drive. In linear mode the active
transistor’s gate drive is controlled so as to bring
the current in the motor to the level set by the
speed control compensation circuit or the current
SPINDLE MOTOR
B-POLAR
PHASE A
PHASE B
PHASE C
CENTER TAP
S-A-U
S-B-U
S-C-U
S-A-L
S-B-L
S-C-L
VCM-A-U
VCM-B-U
VCM-A-L
VCM-B-L
SR-A
SR-B
SR-C
VRECT
VDD
VCM
PARK
CONTROL
VPARK
D94IN100
Figure 11.
L6260
23/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com