Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6260 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6260
Description  4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 22Page - STMicroelectronics L6260 Datasheet HTML 23Page - STMicroelectronics L6260 Datasheet HTML 24Page - STMicroelectronics L6260 Datasheet HTML 25Page - STMicroelectronics L6260 Datasheet HTML 26Page - STMicroelectronics L6260 Datasheet HTML 27Page - STMicroelectronics L6260 Datasheet HTML 28Page - STMicroelectronics L6260 Datasheet HTML 29Page - STMicroelectronics L6260 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
MATCAD ANALYSIS OF l6286 VCM CURRENT CONTROL LOOP (High Gain)
(User specified parameters)
Rc : = 240
⋅ 103
Compensation resistance
Cc : = 240
⋅ 10-9
Compensation capacitance
R1 : = 20
Coil resistance
L : = 1.1
⋅ 10-3
Coil inductance
Cs : = 100
⋅ 10-9
Snubber capacitace
Rn : = 75
Snubber resistance
Vdac := 40
⋅ 10-3
DAC Voltage
Rs : = 0.8
Sense resistance
Id :=
Vdac
Rs
Output current Id = 0.05
(Device Parameters)
gmn : = 24.2
⋅ 10-6
Nulling OTA transconductance, with
± 20% variation
Ron : = 3.18
⋅ 106
Nulling OTA output resistance, with
± 50% variation
Con := 50
⋅ 10-12
Nulling OTA output capacitance, with
± 10% variation
gm1 : = 1100
⋅ 10-6
Main OTA transconductance, with
± 20% variation
Ro1 : = 1.773
⋅ 106
Main OTA output resistance, with
± 50% variation
Co1 : = 1.6
⋅ 10-12
Main OTA output capacitance, with
± 10% variation
gm2 = 0.964
√ Id
FET transconductance, with æ 10% variation gm2 = 0216
VA = 68.7
Early voltage of FET, with
± 5% variations
Ro2 =
VA
Id
FET output resistance Ro2 = 1.374
⋅ 103
Ra : = 420
Predriver output resistance, with
± 20% variation
Csb : = 10.2
⋅ 10-12
FET source-bulk capacitance, with
± 10% variation
Cdb := 49
⋅ 10-12
FET drain-bulk capacitance, with
± 10% variation
Cgd := 11
⋅ 10-12
FET gate-drain capacitance, with
± 10% variation
Cgs : = 156
⋅ 10-12
FET gate source capacitance, with
± 10% variation
1ST STAGE (OTA) TRANSFER FUNCTION:
i: =
√ -1
f(n) : = 10
n
S(n) : = 2
⋅ i ⋅π ⋅ 10n
n : = 2, 2.01,
⋅ 7
A1: = gmn
⋅ Ron ⋅ gm1 ⋅ Ro1 A1 = 1.501 ⋅ 105
fp1
=
1
2
⋅ π ⋅ Ron ⋅ Con
fp1 = 1.001
⋅ 103
fp2
=
1
2
⋅ π ⋅ Req ⋅ Co1
fp2 = 4.706
⋅ 105
fz1
=
gmn
2
⋅ π ⋅ Con
fz1 = 7.703
⋅ 104
fzc
=
1
2
⋅ π ⋅ Rc ⋅ Cc
fzc = 6.631
Req
=
Ro1 ⋅ Rc
Ro1
+ Rc
Req = 2.114
⋅ 105
fpc
=
1
2
⋅ π ⋅ (Rc + Ro1) ⋅ Cc
fpc =0.791
L6260
26/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com