Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6260 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6260
Description  4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 9Page - STMicroelectronics L6260 Datasheet HTML 10Page - STMicroelectronics L6260 Datasheet HTML 11Page - STMicroelectronics L6260 Datasheet HTML 12Page - STMicroelectronics L6260 Datasheet HTML 13Page - STMicroelectronics L6260 Datasheet HTML 14Page - STMicroelectronics L6260 Datasheet HTML 15Page - STMicroelectronics L6260 Datasheet HTML 16Page - STMicroelectronics L6260 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Frequency Locked Loop Coarse Counter (Reg 5)
This register contains the ”coarse” FLL counter
value for the FLL. This register gives a worst case
resolution of 16
µs with the worst case (i.e. slow-
est) 4MHz clock and has a valid range of 001 to
FFF hex.
Reg: 5
Name: FLL Coarse Counter Register
Type: Write Only
BIT
LABEL
DESCRIPTION
@POR
0
CLATCH BIT 0
FLL Coarse counter LSB
0
1
CLATCH BIT 1
0
2
CLATCH BIT 2
0
3
CLATCH BIT 3
0
4
CLATCH BIT 4
0
5
CLATCH BIT 5
0
6
CLATCH BIT 6
0
7
CLATCH BIT 7
0
8
CLATCH BIT 8
0
9
CLATCH BIT 9
0
10
CLATCH BIT 10
0
11
CLATCH BIT 11
FLL Coarse counter MSB
0
Frequency Locked Loop Fine Counter (Reg 6)
This register contains the ”fine” counter value of
the FLL. The worst case resolution (i.e. with a
4MHz clock) is 1
µs. It is important that the
most significant bit of this register must be a
zero when a write is made. Valid writes to this
register must be between 001 and 7FF hex.
Reg: 6
Name: FLL Fine Counter Register
Type: Write only.
BIT
LABEL
DESCRIPTION
@POR
0
FLATCH BIT 0
FLL Fine counter LSB
0
1
FLATCH BIT 1
0
2
FLATCH BIT 2
0
3
FLATCH BIT 3
0
4
FLATCH BIT 4
0
5
FLATCH BIT 5
0
6
FLATCH BIT 6
0
7
FLATCH BIT 7
0
8
FLATCH BIT 8
0
9
FLATCH BIT 9
0
10
FLATCH BIT 10
0
11
FLATCH BIT 11
FLL Fine counter MSB -NOTE: On a write to this register, this bit
must be zero.
0
L6260
13/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com