Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6260 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6260
Description  4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 2 Page - STMicroelectronics

  L6260 Datasheet HTML 1Page - STMicroelectronics L6260 Datasheet HTML 2Page - STMicroelectronics L6260 Datasheet HTML 3Page - STMicroelectronics L6260 Datasheet HTML 4Page - STMicroelectronics L6260 Datasheet HTML 5Page - STMicroelectronics L6260 Datasheet HTML 6Page - STMicroelectronics L6260 Datasheet HTML 7Page - STMicroelectronics L6260 Datasheet HTML 8Page - STMicroelectronics L6260 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
+
-
177
VREFOUT
VREF/MINUS
DAC/GND
BIAS
CIRCUIT
POWER
MONITOR
SERIAL
PORT
INTERFACE
REGISTER
0
REGISTER
1
REGISTER
2
REGISTER
3
REGISTER
4
REGISTER
5
REGISTER
6
REGISTER
7
UV1
UV2
FCLK
POR/DLY
POR
SDIO
SCLK
TEST
R/W
SLOAD
VCM LOGIC &
DAC
VCM
PARK
PARK/V VCM/COMP
BEMF
AMP
SPINDLE
LOGIC
TRISTATE
SPINDLE
FLL
ANALOG TEST
CIRCUIT
DIGITAL TEST
CIRCUIT
ATEST
DTEST
D94IN087
CHARGE
PUMP
CURRENT
GENERATOR
SPD/COMP
SPD/COMP/SHT
SPN/SLEW
FLL/RES
SPINDLE
BLOCK
& DAC
BRK/DLY
SPN/I/COMP
SPIN/GND2
VPDOWN
COIL/C
SPIN/GND1
COIL/A
COIL/B
VSPIN/2
SPN/I/SNS
VRECT
VSPIN/1
CENTER TAP
DRIVER
CTAP
SYNTH/HALL
VOLTAGE
TRIPLER
VLTRIP
VHTRIP
C2LOW
C2HIGH
VPARKOUT
C1LOW
C1HIGH
VVCM/1
VCM/MINUS
VVCM/2
VCM/PLUS
VCM/I/SNS/2
VCM/I/SNS/1
BLOCK DIAGRAM
116
17
32
33
48
49
64
GND
VSPIN_1
R /W_
C OIL_A
TEST
SYNTH_HA LL
SPN_GND_1
TRISTATE
C OIL_B
EXTFLL/DTEST
VSPIN_2
BRK_DLY
C OIL_C
VPDOWN
SPIN_GND_2
GND
C 2HIGH
C1LOW
C 1HIGH
TRIPGND
CTAP
POR_DLY
VVCM_2
VCM_MINUS
VCM_I_SNS2
VCM_PLUS
VVCM_1
ATEST
VCM_I_SNS1
UV
GND
SPN_D SBL_DLY
PIN CONNECTION(Top view)
L6260
2/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com