Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6260 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6260
Description  4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 10Page - STMicroelectronics L6260 Datasheet HTML 11Page - STMicroelectronics L6260 Datasheet HTML 12Page - STMicroelectronics L6260 Datasheet HTML 13Page - STMicroelectronics L6260 Datasheet HTML 14Page - STMicroelectronics L6260 Datasheet HTML 15Page - STMicroelectronics L6260 Datasheet HTML 16Page - STMicroelectronics L6260 Datasheet HTML 17Page - STMicroelectronics L6260 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
CIRCUIT OPERATION
General
This device includes a sensorless spin driver,
VCM driver, power sequencing, actuator retrac-
tion with dynamic braking, serial interface for a
microprocessor and frequency locked loop for
speed control. The device is register based and
designed to operate via either 3V or 5V power
supply.
POR & Under Voltage
The L6260 has an on chip power monitoring sys-
tem that controls all aspects of powering up,
Power On Reset of the Logic (POR), low voltage
detection and power down sequencing. The cir-
cuitry consists of a Bandgap reference generator,
hysteresis comparitor (for low voltage detection)
and a POR timer circuit (which controls the dura-
tion of the reset).
Four external pins determine the behavior of this
circuit.
UV1 & UV2: These two pins are provided to
the user to connect to the supply voltages for
low voltage detection. The voltage on these
pins is compared to the internal Bandgap volt-
age to determine if a low voltage on one of the
supply pins has been detected. The comparitor
has built in hysteresis to reduce the effects of
noise on the supply lines triggering a false
POR. In other words, if either one of these in-
puts falls below 1.25V then the supply is re-
garded as being ”under voltage”. Normally one
of these pins will be connected to allow a sens-
ing of a 3V supply and the other to the 5V sup-
ply but this is arbitrary
POR_DLY: This is a pin from which a capacitor
can be connected to ground. This sets the du-
ration of the reset state of the this chip. On
power up, an internal current source charges
the capacitor with a current of approximately
2mA. When the voltage on this pin reaches the
bandgap voltage, the chip comes out of its re-
set state. The duration of this reset is deter-
mined by the size of an external capacitor to
ground.
POR: The POR pin is an output from the chip
for resetting other devices.
Frequency Locked Loop Fine Error Counter
(Reg 7)
This register contains the error detected between
the ”fine” counter value of the FLL and the actual
spindle rotation time (in either mechanical or elec-
trical mode).
Reg: 7
Name: FLL Fine Error Counter Register
Type: Read Only
BIT
LABEL
DESCRIPTION
@POR
0
FINEC BIT 0
FLL Fine error count LSB
0
1
FINEC BIT 1
0
2
FINEC BIT 2
0
3
FINEC BIT 3
0
4
FINEC BIT 4
0
5
FINEC BIT 5
0
6
FINEC BIT 6
0
7
FINEC BIT 7
0
8
FINEC BIT 8
0
9
FINEC BIT 9
0
10
FINEC BIT 10
0
11
FINEC BIT 11
FLL Fine error count MSB
0
L6260
14/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com