Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6610 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6610
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6610 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6610 Datasheet HTML 4Page - STMicroelectronics L6610 Datasheet HTML 5Page - STMicroelectronics L6610 Datasheet HTML 6Page - STMicroelectronics L6610 Datasheet HTML 7Page - STMicroelectronics L6610 Datasheet HTML 8Page - STMicroelectronics L6610 Datasheet HTML 9Page - STMicroelectronics L6610 Datasheet HTML 10Page - STMicroelectronics L6610 Datasheet HTML 11Page - STMicroelectronics L6610 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
L6610
8/29
-12V bias current
-65
-50
µA
Vout = -5V
UV
-5V undervoltage
-3.80
-4.00
-4.20
V
OV
-5V overvoltage
-6.20
-6.50
-6.80
V
VD
-5V disable Voltage
Voltage to disable comparator
1.3
1.5
1.7
V
-5V bias current
-65
-50
µA
Vout = 3.3V Aux/Dual (Dmon option)
UV
3V3 undervoltage
2.80
2.90
3.00
V
OV
3V3 overvoltage
4.00
4.15
4.30
V
Vout = 5V Aux/Dual (Dmon option)
UV
5V undervoltage
4.25
4.40
4.55
V
OV
5V overvoltage
6.00
6.25
6.50
V
Bias current
50
65
µA
ACsense / Hysteresis
Bias current
VACsns = 2.7V
5
10
µA
UV
AC undervoltage
2.375
2.50
2.625
V
Trim range
-5
+5
%
Trim resolution
0.64
%
IACH
Hysteresis current
20
50
80
µA
Hysteresis trim range
-20
+20
%
HS
Hysteresis adjust step
5
%
FAULT OUTPUTS
VPOKL
PW-OK low state
ISINK = 15mA
0.4
V
IL
MFAULT high state leakage
PS-ON = high
1
µA
MFISNK
MFAULT sink current
PS-ON = low, VMFAULT = 4V
6
10
15
mA
MFAULT OV debounce
Minimum OV pulse before
MFAULT is latched.
468
µs
MFAULT debounce
±12V UV
Minimum UV pulse before
MFAULT is latched.
468
µs
MFAULT debounce
±5V, 3V3, UV/OC
Minimum UV/OC pulse before
MFAULT is latched.
250
450
650
µs
ELECTRICAL CHARACTERISTCS (continued)
(unless otherwise specified: TJ = 0 to 105°C; VDD = 5V, V3V3 = 3.3V, V5V = 5V, V-12V = -12V, V-5V = -5V,
VDmon = VDD, PS-ON = low)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com