Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6610 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6610
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6610 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6610 Datasheet HTML 6Page - STMicroelectronics L6610 Datasheet HTML 7Page - STMicroelectronics L6610 Datasheet HTML 8Page - STMicroelectronics L6610 Datasheet HTML 9Page - STMicroelectronics L6610 Datasheet HTML 10Page - STMicroelectronics L6610 Datasheet HTML 11Page - STMicroelectronics L6610 Datasheet HTML 12Page - STMicroelectronics L6610 Datasheet HTML 13Page - STMicroelectronics L6610 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
L6610
10/29
ZFB
Divider impedance
from Ainv to GND. 5V and 12V
connected to GND.
35
50
65
k
Ω
Temperature coefficient
26
Ω/°C
W5
Divider 5/12 weighting
5V contribution to 5/12 feedback
47
50
53
%
AVOL
Voltage gain
2V<VOUT<4V
65
dB
GBW
Unity gain bandwidth
3
MHz
PSRR
Power supply rejection ratio
4.5V<VDD<6V
60
70
dB
IOUTL
Output sink current
VFB = 2.7V, VOUT = 1.1V
2
5
8
mA
IOUTH
Output source current
VFB = 2.3V, VOUT = 4V
-1.0
-1.5
-2.0
mA
VOUTH
Output high level
VFB = 2.3V, ISOURCE = 1 mA
4
4.5
V
VOUTL
Output low level
VFB = 2.7V, ISINK = 2 mA
0.7
1.1
V
MAGAMP OR LINEAR POST-REGULATOR FEEDBACK (ERROR AMPLIFIER B)
VFB
Input Voltage
Tj = 25° C
1.22
1.25
1.28
V
Trim Range
About nominal
-5
+5
%
Trim resolution
0.64
%
IBIAS
Input bias current
-0.1
-1
µA
AVOL
Voltage gain
2V<VOUT<4V
65
dB
GBW
Unity gain bandwidth
3
MHz
PSRR
Power supply rejection ratio
4.5V<VDD<6V
60
70
dB
IOUTL
Output sink current
VFB = 1.4V, VOUT = 1.1V
2
5
8
mA
IOUTH
Output source current
VFB = 1.1V, VOUT = 3V
-1.0
-1.5
-2.0
mA
VOUTH
Output high level
VFB = 1.1V, ISOURCE = 1 mA
3
3.6
4
V
VOUTL
Output low level
VFB = 1.4V, ISINK = 2 mA
0.7
1.1
V
AUXILIARY CONVERTER FEEDBACK (ERROR AMPLIFIER C)
VFB
Input Voltage
Tamb = 25° C
1.22
1.25
1.28
V
Trim Range
About nominal
-5
+5
%
Trim resolution
0.64
%
IBIAS
Input bias current
-0.1
-1
µA
AVOL
Voltage gain
2V<VOUT<4V
65
dB
GBW
Unity gain bandwidth
3
MHz
ELECTRICAL CHARACTERISTCS (continued)
(unless otherwise specified: TJ = 0 to 105°C; VDD = 5V, V3V3 = 3.3V, V5V = 5V, V-12V = -12V, V-5V = -5V,
VDmon = VDD, PS-ON = low)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com