Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6610 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6610
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6610 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6610 Datasheet HTML 5Page - STMicroelectronics L6610 Datasheet HTML 6Page - STMicroelectronics L6610 Datasheet HTML 7Page - STMicroelectronics L6610 Datasheet HTML 8Page - STMicroelectronics L6610 Datasheet HTML 9Page - STMicroelectronics L6610 Datasheet HTML 10Page - STMicroelectronics L6610 Datasheet HTML 11Page - STMicroelectronics L6610 Datasheet HTML 12Page - STMicroelectronics L6610 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9/29
L6610
DFIOH
DFAULT output high source
current
Overvoltage condition
VDFAULT = 1.5V
-25
-50
-95
mA
DFVOH
DFAULT output high voltage
IDFAULT = 0mA, Tamb = 25
oC,
Overvoltage condition
2.1
2.4
2.7
V
VOUT
DFAULT output low voltage
IDFAULT = 1mA, no faults
0.3
0.5
0.7
V
DFAULT OV debounce
Minimum OV pulse before
DFAULT is latched.
468
µs
DFAULT UV debounce
Minimum UV pulse before
DFAULT is latched.
250
450
650
µs
START-UP / SHUTDOWN FUNCTIONS
t5
DFAULT UV blanking delay
Delay from VDD(on) to DFAULT
UV active.
44
64
84
ms
t1
MFAULT UV/OC blanking delay
Delay from ACSNS high to Main
UV/OC active
44
64
84
ms
t2
PW-OK blanking delay
Main’s UV good to PW-OK high
175
250
325
ms
t4
(tDELAY)
PS-ON delay time
Delay from PS-ON input to
MFAULT
1.75
2.5
3.25
ms
VIH
PS-ON Input High Voltage
IIN = -200µA
2.0
V
VIL
PS-ON Input Low Voltage
0.8
V
PS-ON Input high clamp
IPS-ON = 100 µA
Vdd
+0.7
V
RPS-ON
PS-ON Pull-up to VDD
VPS-ON = 0V
25
50
100
K
Ω
t3
PS-ON debounce
PS-ON input minimum pulse
width for a valid logic change.
50
75
100
ms
tSS
Error Amp. A Soft-Start period
VFB quasi-monothonic ramp from
0 to 2.5V
8ms
VSTEP
Soft Start Step
Ramp 0V to 2.5V
39
mV
VOLTAGE REFERENCE (BUFFERED EXTERNAL PIN)
VREF
Output Voltage
IREF = 1 - 5 mA; CREF = 47nF
2.375
2.50
2.625
V
ISC
Short circuit current
VREF = 0
10
20
mA
MAIN CONVERTER FEEDBACK (ERROR AMPLIFIER A)
VFB
Input Voltage
Tj = 25° C
2.375
2.50
2.625
V
Trim Range
About nominal
-5
+5
%
Trim resolution
0.64
%
ELECTRICAL CHARACTERISTCS (continued)
(unless otherwise specified: TJ = 0 to 105°C; VDD = 5V, V3V3 = 3.3V, V5V = 5V, V-12V = -12V, V-5V = -5V,
VDmon = VDD, PS-ON = low)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com