Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6610 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6610
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6610 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6610 Datasheet HTML 2Page - STMicroelectronics L6610 Datasheet HTML 3Page - STMicroelectronics L6610 Datasheet HTML 4Page - STMicroelectronics L6610 Datasheet HTML 5Page - STMicroelectronics L6610 Datasheet HTML 6Page - STMicroelectronics L6610 Datasheet HTML 7Page - STMicroelectronics L6610 Datasheet HTML 8Page - STMicroelectronics L6610 Datasheet HTML 9Page - STMicroelectronics L6610 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
L6610
6/29
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
(*) mounted on board
Debounce
The PS-ON signal input has debounce logic to prevent improper activation. All of the monitored
inputs have digital filtering/debounce logic on board for high noise immunity.
AC-hysteresis
AC sense hysteresis. Programmable hysteresis is provided on the ACsns input (#13) to avoid
undesired shutdown caused by noise as the voltage at the pin is near the threshold or by the
voltage ripple across the bulk capacitor.
Vdd-OVP
Vdd is monitored for overvoltage. If an overvoltage is detected, MFAULT (#1) and DFAULT (#11)
are latched high.
Vdd-UVL
To prevent false signals of any of IC’s output pins, an under voltage lock-out circuit monitors Vdd
and keeps all IC’s output at their default OFF level until Vdd reaches a sufficient minimum
voltage for ensuring integrity. When Vdd goes below the UV threshold, all latches are reset and
volatile programming memory cleared.
Dual-OVP
Dmon (#10) is monitored to detect an overvoltage condition; in this case MFAULT (#1) and
DFAULT (#11) are latched high.
Dual-UVP
Dmon (#10) is monitored to detect an undervoltage condition; in this case MFAULT (#1) is
latched high and Cout (#8) is pulled low.
Soft-start
The IC provides an on-board 8ms soft-start, a quasi-monotonic ramp from 0V to 2.5V for the A
error amplifier reference voltage, in order to avoid high current peaks in the primary circuit and
output voltage overshoots at start-up. In fact, if this reference gets the nominal value as soon as
the power-up occurs, the A E/A will go out of regulation and tend to sink much more current, thus
forcing PWM to work with the maximum duty-cycle.
Bounce or
Latch-mode
This option allows setting either latched-mode or auto restart after 1 second delay in case of
overcurrent and undervoltage faults.
Symbol
Parameter
Value
Unit
Vdd
Supply voltage
-0.5 to +7
V
Voltage on PROG, PS-ON/Clock, DFAULT, VREF, and error
amplifier pins
-0.5 to Vdd+0.5
V
Voltage on MFAULT, PW-OK, Dmon and positive UV, OV, OC, AC
sense pins.
-0.5 to +16
V
Voltage on -5V and -12V UV/OV sense pins
-16 to +5
V
Maximum current in ESD clamp diodes
10
mA
TJ
Operating Junction Temperature
-25 to 150
°C
TSTO
Storage Temperature
-50 to 150
°C
TL
Lead Temperature (soldering, 10 seconds)
300
°C
Symbol
Parameter
SDIP24
SO24
Unit
Rth j-amb
Max. Thermal Resistance junction-to-ambient (*)
70
90
°C/W
FUNCTION DESCRIPTION (continued)
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com