Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6610 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6610
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6610 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6610 Datasheet HTML 9Page - STMicroelectronics L6610 Datasheet HTML 10Page - STMicroelectronics L6610 Datasheet HTML 11Page - STMicroelectronics L6610 Datasheet HTML 12Page - STMicroelectronics L6610 Datasheet HTML 13Page - STMicroelectronics L6610 Datasheet HTML 14Page - STMicroelectronics L6610 Datasheet HTML 15Page - STMicroelectronics L6610 Datasheet HTML 16Page - STMicroelectronics L6610 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13/29
L6610
Figure 7. 5V fault thresholds
Figure 8. 12V fault thresholds
Figure 9. 3.3V/5V Dmon fault thresholds
Figure 10. -5V and -12V bias current
Figure 11. -5V and -12V fault thresholds
Figure 12. ACsense reference
3
4
5
6
7
-50
-25
0
255075
100
125
150
T [OC]
overvoltage
undervoltage
V
5V [V]
10
11
12
13
14
15
-50
-25
0
25
50
75
100 125 150
T [OC]
overvoltage
undervoltage
V
+12V [V]
-18
-15
-12
-9
-6
-3
0
-50
-25
0
25
50
75
100 125
150
+3.3V undervoltage
+5V undervoltage
+5V overvoltage
+3.3V overvoltage
T [OC]
V
DMON [V]
-50
-40
-30
-20
-50
-25
0
25
50
75
100 125 150
T [OC]
I
B [mA]
-5V
-12V
-18
-15
-12
-9
-6
-3
0
-50 -25
0
25
50
75 100 125 150
V
out [V]
-12V overvoltage
-12V undervoltage
-5V undervoltage
-5V overvoltage
T [OC]
2.3
2.4
2.5
2.6
2.7
-50 -25
0
25
50
75 100 125 150
T [OC]
[V]
TYPICAL ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com