Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6610 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6610
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6610 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6610 Datasheet HTML 15Page - STMicroelectronics L6610 Datasheet HTML 16Page - STMicroelectronics L6610 Datasheet HTML 17Page - STMicroelectronics L6610 Datasheet HTML 18Page - STMicroelectronics L6610 Datasheet HTML 19Page - STMicroelectronics L6610 Datasheet HTML 20Page - STMicroelectronics L6610 Datasheet HTML 21Page - STMicroelectronics L6610 Datasheet HTML 22Page - STMicroelectronics L6610 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19/29
L6610
pin#3) drives the external circuitry that biases the magamp core. Between these pins it is connected
the compensation network (ZC). The maximum positive output voltage is clamped at about 3.5V to
improve response time.
The feedback control circuit determines the magamp "off" time, converting the voltage at the output
of error amplifier into a current IR, which resets the magamp. If the output voltage exceeds its preset
value, V(Bout) decreases; this causes a higher voltage across RC which, in turn, implies a larger volt-
age across RE and a larger reset current IR (VBE of Q1 is supposed constant). A larger IR causes the
PWM waveform across D2 to get narrower. This pulls the output voltage back to the desired level and
achieves regulation.
It is possible to use this section to drive a pass transistor to obtain 3.3V with a linear regulator; in the
"Application idea" section an example is showed to implement this solution.
Figure 18. Magamp control feedback section
– Auxiliary section, error amplifier C. This section (fig. 19) provides the feedback signal for the auxiliary
converter following the same operating principles as the Main section. The auxiliary output voltage
(Vaux) is often defined as "Standby voltage" because the converter remains alive during standby con-
dition (the Main converter is stopped) to supply the chip and all the ancillary circuits. Typical values for
its output voltage are 5V or 3.3V.
The inverting input (Cinv, pin#9) is connected to the output voltage through an external resistor divider
whereas the non-inverting one is connected to a 1.25V trimmable internal voltage reference (see "On
board trimming and mode operating" paragraph).
The compensation network Zc(aux) is placed between E/A inverting input and output pins.
When Dmon recognizes an undervoltage condition on the auxiliary output, an internal n-channel MOS
(in open drain configuration) grounds E/A output pin; the high current flowing through the optocoupler
is then transferred to the primary side causing a duty cycle as short as possible; this prevents a high
energy transfer from primary to secondary under short circuit conditions, thus reducing the thermal
stress on the power components.
Figure 19. Auxiliary feedback section
+3.3V
Zc
Bout
Binv
+1.25V
R
L
R
H
_
+
L6610
magamp
R
C
R
S
R
E
D
1
I
R
D
2
V
D2
Q
1
L
C
+3.3V
Zc
Bout
Binv
+1.25V
R
L
R
H
_
+
L6610
magamp
R
C
R
S
R
E
D
1
I
R
D
2
V
D2
Q
1
L
C
V
AUX
to AUX
control
Zc(aux)
Cout
Cinv
R
B
+1.25V
R
H
R
L
_
+
L6610
OCP bounce
GND
DMON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com