Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6610 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6610
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6610 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6610 Datasheet HTML 21Page - STMicroelectronics L6610 Datasheet HTML 22Page - STMicroelectronics L6610 Datasheet HTML 23Page - STMicroelectronics L6610 Datasheet HTML 24Page - STMicroelectronics L6610 Datasheet HTML 25Page - STMicroelectronics L6610 Datasheet HTML 26Page - STMicroelectronics L6610 Datasheet HTML 27Page - STMicroelectronics L6610 Datasheet HTML 28Page - STMicroelectronics L6610 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
25/29
L6610
Figure 25. Secondary side with current sharing
R
SENSE
+5V
+12V
PGND
-5V
+3.3V
+5Vaux
CS-
CGA
CS+
VCC
ADJ
SH
GND
COMP
3
2
4
1
5
6
7
8
L6615
to SGND
to SGND
to SGND
to SGND
to SGND
to SGND
SHARE
BUS
SHARE
BUS
L6615
L6610
R
SENSE
-12
3V3
DMON
12V
5V
GND
-5
Bout
Bin
FAULT
Ain
Cout
PS-ON
12Visns
Cin
VREF
Aout
5V/3V3isns
Vdd
ACsns
DFAULT PW-OK
GND
PROG
-12V
CS-
CGA
CS+
VCC
ADJ
SH
GND
COMP
3
2
4
1
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com