Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6610 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6610
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6610 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6610 Datasheet HTML 8Page - STMicroelectronics L6610 Datasheet HTML 9Page - STMicroelectronics L6610 Datasheet HTML 10Page - STMicroelectronics L6610 Datasheet HTML 11Page - STMicroelectronics L6610 Datasheet HTML 12Page - STMicroelectronics L6610 Datasheet HTML 13Page - STMicroelectronics L6610 Datasheet HTML 14Page - STMicroelectronics L6610 Datasheet HTML 15Page - STMicroelectronics L6610 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
L6610
12/29
Figure 1. Supply start-up, UV and OV
Figure 2. IC Supply current vs. supply voltage
Figure 3. IC Supply current
Figure 4. Monitored inputs bias current
Figure 5. Output's current sense thresholds
Figure 6. 3.3V fault thresholds
3.5
4.5
5.5
6.5
-50
-25
0
25
50
75
100 125 150
UV
start-up
over voltage
V
DD [V]
T [OC]
VDD [V]
02468
10
0
2
4
6
8
10
IDD [mA]
Dmon = VDD
Tj = 25 °C
3
4
5
6
7
-50 -25
0
25
50
75
100 125 150
I
DD [mA]
T [OC]
30
40
50
60
70
80
-50
-25
0
255075
100 125 150
3.3Voutput
5Voutput
12Voutput
T [OC]
I
B [µA]
20
60
100
140
180
-50
-25
0
25
50
75
100 125 150
T [OC]
+12V output
+5V output
V
TH [mV]
2
3
4
5
-50
-25
0
25
50
75
100
125 150
T [OC]
undervoltage
overvoltage
V
3.3V [V]
TYPICAL ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com