Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6610 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6610
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6610 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6610 Datasheet HTML 16Page - STMicroelectronics L6610 Datasheet HTML 17Page - STMicroelectronics L6610 Datasheet HTML 18Page - STMicroelectronics L6610 Datasheet HTML 19Page - STMicroelectronics L6610 Datasheet HTML 20Page - STMicroelectronics L6610 Datasheet HTML 21Page - STMicroelectronics L6610 Datasheet HTML 22Page - STMicroelectronics L6610 Datasheet HTML 23Page - STMicroelectronics L6610 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
L6610
20/29
3
NORMAL OPERATION TIMING DIAGRAM (FIG. 20)
The time intervals t1-t5 are listed below
– t1: UV/OC blanking of MFAULT. While Main outputs are ramping up, the UV comparators are blanked
for this interval to prevent a false turn-off. No such blanking is applied to OV faults.
– t2: PW-OK delay. This period starts when all monitored outputs and AC sense are above their respec-
tive UV levels and finishes at PW-OK going high.
– t3: PS-ON debounce period. The voltage on PS-ON must be continuously present in a high or low state
for a minimum period for that state to be recognized.
– t4: Tdelay. The time from PS-ON being recognized as going high to MFAULT going high. This is to
provide a power down warning. When PS-ON requests power off, PW-OK goes low immediately.
– t5: UV blanking of DFAULT. During initial power up a period of UV blanking is applied to DFAULT as
soon as Vdd to the chip is in the correct range. No such blanking is applied to OV faults.
Figure 20. Normal Operation Timing Diagram (ON/OFF with PS-ON or the AC power switch).
AC
Vdd
PS-ON
Mfault
Main
OPs
POK
UVBmfault
ACsns
Off
On
On
Off
t3
t1
t2
t4
t3
t2
t1
Vdd-ok
UVBdfault
ACsns_high
ACsns_low
Vdd(on)
Vdd(on)
t5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com