Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6610 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6610
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6610 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6610 Datasheet HTML 20Page - STMicroelectronics L6610 Datasheet HTML 21Page - STMicroelectronics L6610 Datasheet HTML 22Page - STMicroelectronics L6610 Datasheet HTML 23Page - STMicroelectronics L6610 Datasheet HTML 24Page - STMicroelectronics L6610 Datasheet HTML 25Page - STMicroelectronics L6610 Datasheet HTML 26Page - STMicroelectronics L6610 Datasheet HTML 27Page - STMicroelectronics L6610 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
L6610
24/29
Simply connecting the power supply outputs to the L6610 relevant pins ensures the protection against over/un-
dervoltage in the Main section; the protection against overcurrent can be achieved (for 12V and 5V or 3.3V)
adding a small sense resistor.
A crowbar on the auxiliary output is switched on through DFAULT in case of overvoltage.
The L6610 is supplied by the Auxiliary output; the signals sent to the primary side are:
– a "digital" ON/OFF signal through an optocoupler that drives the relevant pin of primary Main controller
to switch the Main converter ON and OFF;
– two analog signals that provide voltage feedback for both the Auxiliary and the Main section, driving the
primary controller pins responsible for the duty cycle modulation.
In server's SMPS applications, a current sharing system is usually required to allow paralleling of several mod-
ules: the L6615 (ST's Current sharing IC, [1]) does the job providing an interface for this purpose (fig. 25) and
guaranteeing an homogeneous current distribution between the paralleled power supplies.
The voltage drop across the sense resistors for overcurrent detection can be also used whenever current shar-
ing is required for 5V (or 3.3V) and/or 12V: the L6615 has a differential sense amplifier whose inputs can be
connected (through two resistors) at the two sense resistor leads. The share bus, referred to ground, links all
the paralleled power supplies.
REFERENCES
[1] "L6615 - Load share controller" (Datasheet)
Figure 24. Detailed Secondary Side
+5Vaux
+5V
+12V
COM
-5V
+3.3V
-12
3V3
DMON
12V
5V
GND
-5
Bout
Binv
M-FAULT
Ainv
Cout
PS-ON
12Visns
Cinv
VREF
Aout
3V3/5Visns
Vdd
ACsns
DFAULT
PW-OK
GND
FAN
+
-
L6610
PROG
-12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com