Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6610 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6610
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6610 Datasheet(HTML) 4 Page - STMicroelectronics

  L6610 Datasheet HTML 1Page - STMicroelectronics L6610 Datasheet HTML 2Page - STMicroelectronics L6610 Datasheet HTML 3Page - STMicroelectronics L6610 Datasheet HTML 4Page - STMicroelectronics L6610 Datasheet HTML 5Page - STMicroelectronics L6610 Datasheet HTML 6Page - STMicroelectronics L6610 Datasheet HTML 7Page - STMicroelectronics L6610 Datasheet HTML 8Page - STMicroelectronics L6610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
L6610
4/29
4
Aout
Output of the error amplifier for the main converter. This pin typically drives an optocoupler and is
also used for compensation along with Ainv (pin #5).
5
Ainv
Main loop error amplifier inverting input. The non-inverting input is connected to an internal 2.5V
reference that can be digitally trimmed. A high impedance internal divider from +12V and +5V
UV/OV sense pins (#23, #24) eliminates the need for external divider in most applications. The
pin is used for error amplifier compensation.
6
12Visns
Input pin for 12V current sense. Together with the 12V OV/UV sense pin (#24), this pin measures
the voltage across a current sense resistor in series with the output. If the load current exceeds a
preset threshold, MFAULT (#1) will go high. Depending on the mode set, MFAULT will be latched
off or pulled low again after about 1 second to allow autorecovery. To disable this function the pin
may be left open, shorted to ground or shorted to the 12V UV/OV pin.
7
5Visns/
3V3isns
Input pin for 5V or 3V3 current sense. Together with the OV/UV sense pin (#23 or #22), this pin
measures the voltage across a current sense resistor in series with the output. If the load current
exceeds a preset threshold, MFAULT (#1) will go high. Depending on the mode set, MFAULT will
be latched off or pulled low again after about 1 second to allow autorecovery. To disable this
function the pin may be left open, shorted to ground or shorted to the 5V UV/OV pin.
8
Cout
Auxiliary loop optocoupler drive. Also node for error amp compensation. Large signal slew rate is
limited to reduce sensitivity to switching noise.
9
Cinv
Inverting input for Auxiliary error amplifier. The non-inverting input is connected to an internal
1.25V reference that can be digitally trimmed.
10
Dmon
Dual or Auxiliary UV/OV monitor, Dmon is programmable to monitor 3V3 or 5V. To allow a correct
power up, the UV function on this pin is blanked out during initial start-up. There is no delay for
the OV function.
11
DFAULT
Dual or Auxiliary fault protection. When Dmon (#10) recognizes an over voltage, DFAULT and
MFAULT (#1) go high. DFAULT is capable of sourcing up to 50mA. Possible applications are a
crowbar across the Auxiliary output or an opto-coupled fault signal to the primary side.
12
Vdd
Positive input supply voltage. Vdd is normally supplied from the Auxiliary power supply output
voltage. If Vdd-UVL detects a sustained under voltage, PW-OK (#14) will be pulled low and
sending MFAULT (#1) high will disable the main converter.
13
ACsns
Analog of bulk voltage for AC fail warning. The usual source of this analog pin is one of the
secondary windings of the main transformer. Hysteresis is provided through a trimmable 50
µA
current sink on this pin that is activated as the voltage at the pin falls below the internal reference
(2.5V).
14
PW-OK
/Data
Power good signal for the Main converter. When asserted high, this pin indicates that the
voltages monitored are above their UV limits. There will be typically 250ms delay from the Main
outputs becoming good and PW-OK being asserted. This is nominally an open drain signal. To
improve robustness, this output has a limited current sink capability. In programming mode, this
pin is used for data input; then the absolute maximum rating will be Vdd+0.5V.
15
PS-ON /
Clock
Control pin to enable the Main converter. This pin has debouncing logic. A recognized high value
on this pin will cause PW-OK (#14) to go immediately low and, after a delay of 2.5ms, to shut
down the main PWM by allowing MFAULT (#1) to go high. During normal operation (or if not
used) this pin has to be connected to a voltage lower than 0.8V. In programming mode, this pin
will be used to clock serial data into the chip.
16
VREF
2.5V reference for external applications. This is a buffered pin. Shorting this pin to ground or to
Vdd (#12) will not affect integrity of control or monitor references. An external capacitor (max.
100nF) is required whenever the pin is loaded (up to 5 mA), otherwise it can be left floating.
PIN DESCRIPTION (continued)
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com