Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC76 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 18Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 19Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 20Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 21Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 22Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 23Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 24Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 25Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-12
Signal Name
Shared Signal
Pin # Type Description – TCC761
CLRCK
GPIO_B[15]
86
I/O
CD Data Word Clock Input / GPIO_B[15]
CDAI
GPIO_B[16]
87
I/O
CD Data input / GPIO_B[16]
External Interrupt Pins
EXINT[3]
GPIO_A[15]
204
I/O
External Interrupt Request [3] / GPIO_A[15]
EXINT[2:0]
GPIO_A[14:12]/FGPIO[14:12]
203:201
I/O
External Interrupt Request [2:0] / GPIO_A[14:12] / FGPIO[14:12]
LCD, NTSC/PAL Interface Pins
HSYNC
GPIO_B[17]
165
I/O
Line sync / GPIO_B[17]
VSYNC
GPIO_B[18]
166
I/O
Frame sync / GPIO_B[18]
PXCLK
GPIO_B[19]
167
I/O
Pixel clock / GPIO_B[19]
AC_BIAS
GPIO_B[20]
168
I/O
AC bias control signal / GPIO_B[20]
PD[15:12]
PD[11:6]
PD[5:4]
PD[3:0]
GPIO_A[31:28]
GPIO_A[27:22]
GPIO_A[21:20]
GPIO_A[19:16]
177:174
130:125
122:121
115:112
I/O
Pixel data bus [15:0] / GPIO_A[31:16]
Camera Interface Pins
CISHS
GPIO_D[17]
152
I/O
Horizontal Sync. Input / GPIO_D[17]
CISVS
GPIO_D[16]
151
I/O
Vertical Sync. Input / GPIO_D[16]
CISCLK
GPIO_D[15]
150
I/O
Clock Input / GPIO_D[15]
CISD[7:4]
CISD[3:0]
GPIO_D[21:18]
GPIO_A[3:0]
156:153
172:169
I/O
Data Input[7:0] / GPIO_D[21:18], GPIO_A[3:0]
General Purpose I/O Pins
GPIO_A[31:28]
GPIO_A[27:22]
GPIO_A[21:20]
GPIO_A[19:16]
PD[15:12]
PD[11:6]
PD[5:4]
PD[3:0]
177:174,
130:125
122:121
115:112
I/O
GPIO_A[31:16] / Pixel Data Bus [15:0]
GPIO_A[15]
EXINT[3]
204
I/O
GPIO_A[15] / External Interrupt Request 3
GPIO_A[14:12]
EXINT[2:0] / FGPIO[14:12]
203:201
I/O
GPIO_A[15:12] / External Interrupt Request 3 ~ 0 /
Fast GPIO bits 14 ~ 12
GPIO_A[11]
GPIO_A[10]
GPIO_A[9] / BW[1]
GPIO_A[8] / BW[0]
SDI2 / FGPIO[11] / SCL
FRM2 / FGPIO[10] / SDA
SCK2 / FGPIO[9] / SCL
SDO2 / FGPIO[8] / SDA
192:189
I/O
GPIO_A[11:8] / Bus Width bits 1 ~ 0 / General Purpose Serial I/O 2
Fast GPIO bits 11 ~ 8 / I2C signals.
The status of BW[1:0] is latched at the rising edge of nRESET and
used to determine external bus width. Refer to section “MEMORY
CONTROLLER” for BW[1:0] description.
GPIO_A[7:4]
SDI1 / FGPIO[7]
FRM1 / FGPIO[6]
SCK1 / FGPIO[5]
SDO1 / FGPIO[4]
186:185
182
178
I/O
GPIO_A[7:4] / General Purpose Serial I/O 1 / Fast GPIO bits 7 ~ 4
GPIO_A[3:0]
SDI0 / FGPIO[3] / CISD[3]
FRM0 / FGPIO[2] / CISD[2]
SCK0 / FGPIO[1] / CISD[1]
SDO0 / FGPIO[0] / CISD[0]
172:169
I/O
GPIO_A[3:0] / General purpose serial I/O 0 / Fast GPIO bits 3 ~ 0 /
Camera Interface Data Inputs 3 ~ 0
GPIO_B[29:28]
USBH_DN, USBH_DP
91:90
I/O
GPIO_B[29:28] / USBH_DN, USBH_DP
GPIO_B[27:26]
USB_DN, USB_DP
89:88
I/O
GPIO_B[27:26] / USB_DN, USB_DP
GPIO_B[25]
GPIO_B[24] / BM[2]
GPIO_B[23]
GPIO_B[22] / BM[1]
GPIO_B[21] / BM[0]
DAI
DAO
MCLK
LRCK
BCLK
109
108
107
102
101
I/O
GPIO_B[25:21] / Boot Mode bits 2 ~ 0 / I2S Interface Signals.
The status of BM[2:0] is latched at the rising edge of nRESET and
used to determine the system boot mode. Refer to sections
“BOOTING PROCEDURE” and “MEMORY CONTROLLER” for
detailed description on BM[2:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com