Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC76 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 59Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 60Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 61Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 62Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 63Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 64Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 65Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 66Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ADDRESS & REGISTER MAP
Preliminary
2-9
Table 2.13 ECC Register Map (Base Address = 0x80000900)
Name
Address
Type
Reset
Description
ECC_CTRL
0x00
R/W
0x00000000
ECC Control Register
ECC_BASE
0x04
R/W
0x00000000
Base Address for ECC Calculation
ECC_MASK
0x08
R/W
0x00000000
Address mask for ECC area.
ECC_CLR
0x0C
W
-
Clear ECC output register
SLC_ECC0
0x10
R
0x00000000
1st Block ECC output for SLC NAND
SLC_ECC1
0x14
R
0x00000000
2nd Block ECC output for SLC NAND
SLC_ECC2
0x18
R
0x00000000
3rd Block ECC output for SLC NAND
SLC_ECC3
0x1C
R
0x00000000
4th Block ECC output for SLC NAND
SLC_ECC4
0x20
R
0x00000000
5th Block ECC output for SLC NAND
SLC_ECC5
0x24
R
0x00000000
6th Block ECC output for SLC NAND
SLC_ECC6
0x28
R
0x00000000
7th Block ECC output for SLC NAND
SLC_ECC7
0x2C
R
0x00000000
8th Block ECC output for SLC NAND
MLC_ECC0W
0x40
W
-
MLC NAND ECC calculation register 0
MLC_ECC1W
0x44
W
-
MLC NAND ECC calculation register 1
MLC_ECC0R
0x48
R/W
0x00000000
Calculated ECC output 0 for MLC NAND
MLC_ECC1R
0x4C
R/W
0x00000000
Calculated ECC output 1 for MLC NAND
Table 2.14 ADC Interface & ETC Register Map (Base = 0x80000A00)
Name
Address
Type
Reset
Description
ADCCON
0x00
R/W
0x00000000
ADC Control Register
ADCDATA
0x04
R
Unknown
ADC Data Register
USBCTR
0x14
R/W
0x00000004
USB Port Control Register
TSTSEL
0x18
R/W
0x00000000
Test Mode Control Register
MISCCFG
0x1C
R/W
0x00000000
Miscellaneous Configuration Register
CFGPUA
0x20
R/W
0x00000000
Pull-up Enable for GPIO_A
CFGPUB
0x24
R/W
0x00000000
Pull-up Enable for GPIO_B
CFGPUC
0x28
R/W
0x00000000
Pull-up Enable for GPIO_C
CFGPUD
0x2C
R/W
0x003C0000
Pull-up Enable for GPIO_D
CFGDRVAL
0x30
R/W
0x00000000
Buffer Drive Strength Select AL
CFGDRVAH
0x34
R/W
0x00000000
Buffer Drive Strength Select AH
CFGDRVBL
0x38
R/W
0x00000000
Buffer Drive Strength Select BL
CFGDRVBH
0x3C
R/W
0x00000000
Buffer Drive Strength Select BH
CFGDRVCL
0x40
R/W
0x00000000
Buffer Drive Strength Select CL
CFGDRVCH
0x44
R/W
0x00000000
Buffer Drive Strength Select CH
CFGDRVDL
0x48
R/W
0x00000000
Buffer Drive Strength Select DL
CFGDRVDH
0x4C
R/W
0x00000000
Buffer Drive Strength Select DH
CFGDRVXL
0x50
R/W
0x03FFFFFF
Buffer Drive Strength Select XL
CFGDRVXH
0x54
R/W
0x04000000
Buffer Drive Strength Select XH
CFGSYS
0x60
R/W
0x00000000
System Configuration
ADCCONA
0x80
R/W
0x00000018
ADC Control Register A
ADCSTATUS
0x84
R/W
Unknown
ADC Status Register
ADCCFG
0x88
R/W
0x00002400
ADC Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com