Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC76 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 60Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 61Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 62Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 63Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 64Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 65Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 66Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 67Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
ADDRESS & REGISTER MAP
Preliminary
2-10
Table 2.15 CIF Register Map (Base Address = 0x80000B00)
Name
Address
Type
Reset
Description
CPCR
0x00
W
0x00000402
Color/Pattern Configuration Register
656FCR1
0x04
W
0x06FF0000
CCIR656 Configuration Register 1
656FCR2
0x08
W
0x0000010B
CCIR656 Configuration Register 2
IICR1
0x0C
W
0x028001E0
Input Image Configuration Register 1
IICR2
0x10
W
0x00000000
Input Image Configuration Register 2
CDCR1
0x14
W
0x00000003
CIF DMAConfiguration Register
CDCR2
0x18
W
0x20000000
MemoryAddress for Y Channel
CDCR3
0x1C
W
0x28000000
MemoryAddress for Cb(U) Channel
CDCR4
0x20
W
0x2C000000
MemoryAddress for Cr(V) Channel
FIFOSTATE
0x24
R
0x00000000
FIFO Status Register
CIRQ
0x28
W/R
0x00000000
Interrupt & CIF Operating Register
ICCTRL
0x2C
W
0x00000000
Image Clock Control
Table 2.16 DMA Controller Register Map (Base = 0x80000E00)
Name
Address
Type
Reset
Description
ST_SADR0
0x00
R/W
-
Start Address of Source Block
SPARAM0
0x04/0x08
R/W
-
Parameter of Source Block
C_SADR0
0x0C
R
-
CurrentAddress of Source Block
ST_DADR0
0x10
R/W
-
StartAddress of Destination Block
DPARAM0
0x14/0x18
R/W
-
Parameter of Destination Block
C_DADR0
0x1C
R
-
CurrentAddress of Destination Block
HCOUNT0
0x20
R/W
0x00000000
Initial and Current Hop count
C
H
A
N
N
E
L
0
CHCTRL0
0x24
R/W
0x00000000
Channel Control Register
CHCONFIG
0x2C
R/W
-
Channel Configuration Register
ST_SADR1
0x30
R/W
-
Start Address of Source Block
SPARAM1
0x34/0x38
R/W
-
Parameter of Source Block
C_SADR1
0x3C
R
-
CurrentAddress of Source Block
ST_DADR1
0x40
R/W
-
StartAddress of Destination Block
DPARAM1
0x44/0x48
R/W
-
Parameter of Destination Block
C_DADR1
0x4C
R
-
CurrentAddress of Destination Block
HCOUNT1
0x50
R/W
0x00000000
Initial and Current Hop count
C
H
A
N
N
E
L
1
CHCTRL1
0x54
R/W
0x00000000
Channel Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com