Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC76 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # TCC76
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button TCC76 Datasheet HTML 40Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 41Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 42Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 43Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 44Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 45Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 46Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 47Page - List of Unclassifed Manufacturers TCC76 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-34
Signal Name
Shared Signal
Ball Type Description – TCC768
FCSN
A12
I
NOR Flash Chip Select. Should be connected to nCS[3].
USB/UART/IrDA Interface Pins
USB_DP
GPIO_B[26]
L7
I/O
USB Function D+ signal / GPIO_B[26]
USB_DN
GPIO_B[27]
K8
I/O
USB Function D- signal / GPIO_B[27]
USBH_DP
GPIO_B[28]
L8
I/O
USB Host D+ signal / GPIO_B[28]
USBH_DN
GPIO_B[29]
M9
I/O
USB Host D- signal / GPIO_B[29]
UT_TX
GPIO_B[8]
M10
I/O
UART or IrDA TX data / GPIO_B[8]
UT_RX
GPIO_B[9] / IDE_nCS1
L9
I/O
UART or IrDARX data / GPIO_B[9] / IDE Chip Select 1
Audio Interface Pins
BCLK
GPIO_B[21] / BM[0]
J9
I/O
I2S Bit Clock / GPIO_B[21] / Boot Mode Bit 0.
Internal pull-down resistor is active at power up.
LRCK
GPIO_B[22] / BM[1]
L11
I/O
I2S Word Clock / GPIO_B[22] / Boot Mode Bit 1
Internal pull-down resistor is active at power up.
MCLK
GPIO_B[23]
K12
I/O
I2S System Clock / GPIO_B[23]
DAO
GPIO_B[24] / BM[2]
K11
I/O
I2S Digital Audio data Output / GPIO_B[24] / Boot Mode Bit 2
DAI
GPIO_B[25]
K10
I/O
I2S Digital Audio data Input / GPIO_B[25]
ADCDAT
H10
O
I2S Digital Audio data Output of audio CODEC(ADC).
Must be connected externally to GPIO_B25 (DAI)
LCH_OUT
E11
AO
DAC Left Channel Output of audio CODEC
RCH_OUT
E12
AO
DAC Right Channel Output of audio CODEC
RCH_IN
F1
AI
ADC Right Channel Input of audio CODEC
MIC_IN
A4
AI
Microphone Input of audio CODEC
LCH_IN
F2
AI
ADC Left Channel Input of internal audio CODEC
VMID
B5
AO
Mid-rail reference decoupling point
MICBIAS
D5
AO
Microphone Bias
WMODE
CSB
F3
I
CODEC I/F Control. Pull-down for normal operation. Internal
pull-up resistor is active at power up.
SDIN
GPIO_A[8] / BW[0]
D6
I/O
2-Wire MCU Data Input for CODEC
SCLK
GPIO_A[9] / BW[1]
E7
I/O
2-Wire MCU Clock Input for CODEC
CD DSP Interface Pins
CBCLK
GPIO_A[1]
D9
I/O
CD Data Bit Clock Input / GPIO_A[1]
CLRCK
GPIO_A[2]
E9
I/O
CD Data Word Clock Input / GPIO_A[2]
CDAI
GPIO_A[3]
E8
I/O
CD Data Input / GPIO_A[3]
External Interrupt Pins
EXINT[3]
GPIO_A15
A2
I/O
External Interrupt Request [3] / GPIO_A[15]
EXINT[2]
GPIO_A[14] / FGPIO[14]
D3
I/O
External Interrupt Request [2] / GPIO_A[14] / FGPIO[14]
EXINT[1]
GPIO_A[13] / FGPIO[13]
B3
I/O
External Interrupt Request [1] / GPIO_A[13] / FGPIO[13]
EXINT[0]
GPIO_A[12] / FGPIO[12]
C3
I/O
External Interrupt Request [0] / GPIO_A[12] / FGPIO[12]
General Purpose I/O Pins
GPIO_A[15]
EXINT[3]
A2
I/O
GPIO_A[15] / External Interrupt Request 3
GPIO_A[14]
EXINT[2] / FGPIO[14]
D3
I/O
GPIO_A[14] / External Interrupt 2 / Fast GPIO bit 14
GPIO_A[13]
EXINT[1] / FGPIO[13]
B3
I/O
GPIO_A[13] / External Interrupt 1 / Fast GPIO bit 13
GPIO_A[12]
EXINT[0] / FGPIO[12]
C3
I/O
GPIO_A[12] / External Interrupt 0 / Fast GPIO bit 12
GPIO_A[11]
SDI2 / FGPIO[11] / SCL
E4
I/O
GPIO_A[11] / GSIO2 Data In / Fast GPIO bit 11 / I2C Clock.
GPIO_A[10]
FRM2 / FGPIO[10] / SDA
E6
I/O
GPIO_A[10] / GSIO2 FRM / Fast GPIO bit 10 / I2C Data Line.
GPIO_A[9] / BW[1]
SCK2 / FGPIO[9] / SCL
E7
I/O
GPIO_A[9] / Bus Width bit 1. The status of BW[1:0] is latched at the
rising edge of nRESET and used to determine external bus width.
GPIO_A[8] / BW[0]
SDO2 / FGPIO[8] / SDA
D6
I/O
GPIO_A[8] / Bus Width bit 0. The status of BW[1:0] is latched at the
rising edge of nRESET and used to determine external bus width.
GPIO_A[7]
SDI1 / FGPIO[7]
B6
I/O
GPIO_A[7] / GSIO1 Data In / Fast GPIO bit 7
GPIO_A[6]
FRM1 / FGPIO[6]
C6
I/O
GPIO_A[6] / GSIO1 FRM / Fast GPIO bit 6
GPIO_A[5]
SCK1 / FGPIO[5]
B7
I/O
GPIO_A[5] / GSIO1 Clock / Fast GPIO bit 5
GPIO_A[4]
SDO1 / FGPIO[4]
B8
I/O
GPIO_A[4] / GSIO1 Data Out / Fast GPIO bit 4
GPIO_A[3]
SDI0 / CDAI / FGPIO[3]
E8
I/O
GPIO_A[3] / GSIO0 Data In / CD Interface Data / Fast GPIO bit 3.
GPIO_A[2]
FRM0 / CLRCK / FGPIO[2]
E9
I/O
GPIO_A[2] / GSIO0 FRM / CD Interface LRCK / Fast GPIO bit 2
GPIO_A[1]
SCK0 / CBCLK / FGPIO[1]
D9
I/O
GPIO_A[1] / GSIO0 Clock / CD Interface BCLK / Fast GPIO bit 1
GPIO_A[0]
SDO0 / FGPIO[0]
C9
I/O
GPIO_A[0] / GSIO0 Data Out / FGPIO[0]
GPIO_B[29]
USBH_DN
M9
I/O
GPIO_B[29] / USBH_DN
GPIO_B[28]
USBH_DP
L8
I/O
GPIO_B[28] / USBH_DP
GPIO_B[27]
USB_DN
K8
I/O
GPIO_B[27] / USB_DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com